Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 69 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 69 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 65Page - Cypress Semiconductor S6J32BA Datasheet HTML 66Page - Cypress Semiconductor S6J32BA Datasheet HTML 67Page - Cypress Semiconductor S6J32BA Datasheet HTML 68Page - Cypress Semiconductor S6J32BA Datasheet HTML 69Page - Cypress Semiconductor S6J32BA Datasheet HTML 70Page - Cypress Semiconductor S6J32BA Datasheet HTML 71Page - Cypress Semiconductor S6J32BA Datasheet HTML 72Page - Cypress Semiconductor S6J32BA Datasheet HTML 73Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 69 of 179
S6J3200 Series
About the Mode Pin (MD)
Use mode pin MD by directly connecting it to a VCC or VSS pin. To prevent noise from causing the device to accidentally enter
test mode, reduce the pattern length between each mode pin and a VCC or VSS pin on the printed circuit board, and connect
them with low impedance.
About the Power-on Time
To prevent the internal built-in voltage step-down circuit from malfunctioning, secure a voltage rising time of 50 µs (between 0.2 V
and 2.7 V) or longer at the power-on time.
Point to Note during PLL Clock Operation
While a PLL clock is selected, if the oscillator breaks off or input stops, the PLL clock may continue operating with the free
running frequency of the internal self-oscillator circuit. This operation is outside of the guaranteed range.
Power Supply Pin Processing of an A/D Converter
Even when no A/D converter is used, establish a connection such that AVCC=AVRH=VCC and AVSS/AVRL=VSS.
Points to Note About Using External Clocks
External clocks are not supported.
External direct clock input cannot be used.
Power-on Sequence of the Power Supply Analog Inputs of an A/D Converter
Be sure to turn on the digital power supply (VCC) before the application of the power supplies (AVCC, AVRH, and AVRL) and
analog inputs (AN0 to AN63) of an A/D converter.
At the power-off time, turn off the power supplies and analog inputs of the A/D converter, and then turn off the digital power
supply (VCC). Perform these power-on and power-off operations without AVRH exceeding AVCC. Even when using a pin shared
with an analog input as an input port, do not allow the input voltage to exceed AVCC. (Turning on or off the analog supply voltage
and digital supply voltage simultaneously is not a problem.)
About C Pin Processing
This device has a built-in voltage step-down circuit. Be sure to connect a capacitor to the C pin (pin 154 in S6J311EJAA
specifications and pin 126 in S6J311AHAA specifications) for internal stabilization of the device. For the standard values, see
"Recommended operating conditions" in the latest data sheet.
Precautions on Designing a Mounting Substrate
Measures against heat generation from the package must be taken for the mounting substrate to observe the absolute maximum
rating (operating temperature). Design a mounting substrate with 4 or more layers. Connect the back of the package stage and
the substrate pad with solder paste. Arrange thermal via holes on the substrate pad.
Notes on Writing to a Register Containing a Status Flag
In writing to a register containing a status flag (particularly an interrupt request flag, etc.) to control a function, it is important to
take care not to accidentally clear the status flag.
Therefore, before the write operation, configure the status bit such that the flag is not cleared, and then set the control bit to the
desired value.
Especially for control bits configured as a set of multiple bits, bit instructions cannot be used (bit instructions have only 1-bit
access). In such cases, byte, half-word, or word access is used to write to the control bits and a status flag simultaneously.
However, at this time, be careful not to accidentally clear bits other than the intended ones (the status flag bit in this case).
Note: Bit instructions take this point into account for registers that support bit-band units, so it does not need to be a concern. You
need to take care when using bit instructions for registers that do not support bit-band units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com