Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 2Page - Cypress Semiconductor S6J32BA Datasheet HTML 3Page - Cypress Semiconductor S6J32BA Datasheet HTML 4Page - Cypress Semiconductor S6J32BA Datasheet HTML 5Page - Cypress Semiconductor S6J32BA Datasheet HTML 6Page - Cypress Semiconductor S6J32BA Datasheet HTML 7Page - Cypress Semiconductor S6J32BA Datasheet HTML 8Page - Cypress Semiconductor S6J32BA Datasheet HTML 9Page - Cypress Semiconductor S6J32BA Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 6 of 179
S6J3200 Series
Function
Description
Remark
Sound mixer
Option
1 unit x 10 inputs
See 2.2.1
Stereo audio DAC
Option
1 unit (L and R)
See 2.2.1
PCM-PWM
Option
1 unit (L and R)
See 2.2.1
Base timer
12 units (24ch)
Free-run timer
12 ch
Input Capture Unit
12 unit (24channels of capture)
Output Compare Unit
12unit (24 channels of compare match)
Stepping motor controller (SMC)
For 6 gauges
12bit-A/D converter
Option
1 unit x 50 input ports (Max)
See 2.2.3
CRC
1 unit
Programmable CRC
1 unit
Source clock timer
4 ch
NMI
Available
External interrupt
16 ch
Internal interrupt
512 vectors
I2S
2 ch
One only supports an
output as a function of
the sound system.
DDR HSSPI
2 ch
A type of Quad SPI
HyperBus (RPC2)
Option
See 2.2.1
See AC specification on
the datasheet.
Multi-function serial interface
12 ch
CAN-FD
4 ch
CAN-FD RAM (ECC supported)
16KB/ch
It equivalents to 128 message buffer per channel of CCAN
module
Ethernet AVB
Option
See 2.2.1
Media-LB (MOST25)
Option
See 2.2.1
LCD controller
Option
4COM x 32 SEG (Max)
See 2.2.3
Indicator PWM
1 ch
MPU for AHB
1 unit
MPU for AXI
1 unit
Internal VRAM
Option
See 2.2.1
Graphic engine clock
Option
See 2.2.1
Graphic AXI clock
Option
See 2.2.1
Display clock
Option
80MHz (ch.0), 50MHz(ch.1)
See 2.2.1
Display clock source
Graphic display controller clock or external clock
Target frame rate
60 fps
Number of display outputs
Option
Maximum 2 outputs simultaneously
See 2.2.1
TTL output (RGB888)
Option
See 2.2.1
RSDS/TCON support
1 output
FPD-Link (LVDS)
Option
1 output, 350Mbps (Max)
See 2.2.1
Video capture unit
Option
See 2.2.1
Video capture format
ITU656, YCbCr4:4:4, YCbCr4:2:2, RGB888, RGB666
2D Graphic engine
1 unit
2.5D support
Available
Vector drawing on 2D engine
Available
Warping
Available
Scale/Rotate/Blend
Available
2D Driver API
CYPRESS proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com