Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 101 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 101 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 97Page - Cypress Semiconductor S6J32BA Datasheet HTML 98Page - Cypress Semiconductor S6J32BA Datasheet HTML 99Page - Cypress Semiconductor S6J32BA Datasheet HTML 100Page - Cypress Semiconductor S6J32BA Datasheet HTML 101Page - Cypress Semiconductor S6J32BA Datasheet HTML 102Page - Cypress Semiconductor S6J32BA Datasheet HTML 103Page - Cypress Semiconductor S6J32BA Datasheet HTML 104Page - Cypress Semiconductor S6J32BA Datasheet HTML 105Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 101 of 179
S6J3200 Series
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
SCK falling time
tF
SCK0 to SCK4,
SCK8 to
SCK12,
SCK16 to
SCK17
Slave
Mode
(CL=50pF,
IOL=-2mA,
IOH=2mA),
(CL=20pF,
IOL=-1mA,
IOH=1mA)
-
5
ns
SCK rising time
tR
SCK0 to SCK4,
SCK8 to
SCK12,
SCK16 to
SCK17
-
5
ns
*1: n=0:ch.0 to ch.4, n=1:ch.8 to ch.12
Notes:
−
This table provides the alternate current standard for CLK synchronous mode.
−
CL is the load capability value connected to the pin at the test time.
−
The maximum baud rate is limited by the internal operating clock used and other parameters.
For details, see the hardware manual.
Master mode
tSCYC
VOL
tSLOVI
tIVSHI
tSHIXI
VIH
VIL
VOH
VOL
SCK
SOT
SIN
VIH
VIL
VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com