Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 304 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 304 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 300Page - National Semiconductor (TI) PC87591L Datasheet HTML 301Page - National Semiconductor (TI) PC87591L Datasheet HTML 302Page - National Semiconductor (TI) PC87591L Datasheet HTML 303Page - National Semiconductor (TI) PC87591L Datasheet HTML 304Page - National Semiconductor (TI) PC87591L Datasheet HTML 305Page - National Semiconductor (TI) PC87591L Datasheet HTML 306Page - National Semiconductor (TI) PC87591L Datasheet HTML 307Page - National Semiconductor (TI) PC87591L Datasheet HTML 308Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 437 page
background image
Host Controller Interface Modules (Continued)
www.national.com
304
Revision 1.07
Shared Memory Indirect Memory Address Register 0 (SMIMA0)
This register defines the addresses 7-0 for a read or write transaction to the memory.
Location: Offset 0016
Type: R/W
Shared Memory Indirect Memory Address Register 1 (SMIMA1)
This register defines addresses 15-8 for a read or write transaction to the memory.
Location: Offset 0116
Type: R/W
Shared Memory Indirect Memory Address Register 2 (SMIMA2)
This register defines addresses 23-16 for a read or write transaction to the memory.
Location: Offset 0216
Type: R/W
Shared Memory Indirect Memory Address Register 3 (SMIMA3)
This register defines addresses 31-24 for a read or write transaction to the memory.
Location: Offset 0316
Type: R/W
Bit
76543210
Name
Indirect Memory Address 7-0
Bit
Description
7-0
Indirect Memory Address 7-0.
Bit
76543210
Name
Indirect Memory Address 15-8
Bit
Description
7-0
Indirect Memory Address 15-8.
Bit
76543210
Name
Indirect Memory Address 23-16
Bit
Description
7-0
Indirect Memory Address 23-16.
Bit
76543210
Name
Indirect Memory Address 31-24
Bit
Description
7-0
Indirect Memory Address 31-24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com