Electronic Components Datasheet Search
  English  ▼

X  

GC2011A Datasheet(PDF) 40 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 40 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 36Page - Texas Instruments GC2011A Datasheet HTML 37Page - Texas Instruments GC2011A Datasheet HTML 38Page - Texas Instruments GC2011A Datasheet HTML 39Page - Texas Instruments GC2011A Datasheet HTML 40Page - Texas Instruments GC2011A Datasheet HTML 41Page - Texas Instruments GC2011A Datasheet HTML 42Page - Texas Instruments GC2011A Datasheet HTML 43Page - Texas Instruments GC2011A Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Texas Instruments Incorporated
- 36 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
6.8
SNAPSHOT START CONTROL REGISTER
This register controls the snapshot trigger settings, the snapshot read modes and the chip’s sync modes.
ADDRESS 10:
SNAP_REGC
BIT
TYPE
NAME
DESCRIPTION
0,1 (LSBs)
R/W
TRIGGER
This control sets the trigger condition which will start a snapshot once
the ARMED bit is set. The trigger conditions are to start:
TRIGGER
DESCRIPTION
0
immediately,
1
when the SN strobe is received,
2
when the SI strobe is received,
3
when the TC strobe is received.
2,3
R/W
READ_MODE
Selects whether words or bytes are read from the snapshot memory
according to:
READ_MODE
DESCRIPTION
0,2
read words,
1
read the least significant bytes
3
read the most significant bytes
When reading bytes, the bytes are placed in the LSBs of the 16 bit
control word and sign extended.
4
R/W
ARMED
The user sets this bit to arm the snapshot memory so that it will
start on the next trigger condition. The chip clears this bit when
the trigger occurs.
5
R/W
A_DONE
This bit goes high when the A-half snapshot is complete. This bit
must be cleared by writing a zero to it.
6
R/W
B_DONE
This bit goes high when the B-half snapshot is complete. This bit
must be cleared by writing a zero to it.
7
R/W
-
unused
8,9
R/W
SYNC_OUT
This two bit field selects the sync output (SO) source as:
SYNC_OUT
DESCRIPTION
0
SI delayed by 4 clocks (SYNC_OFF=0),
1
TC,
2
OS,
3
never
10
R/W
SYNC_OFF
This bit disables the sync input to the chip. The counter will free
run when this bit is high
11-15
R/W
-
unused
6.9
ONE SHOT ADDRESS
The one shot pulse is generated on the OS pin by writing to address 11. This is a write-only address. The data
written to it is irrelevant.
ADDRESS 11:
ONE_SHOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com