Electronic Components Datasheet Search
  English  ▼

X  

GC2011A Datasheet(PDF) 20 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 20 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 16Page - Texas Instruments GC2011A Datasheet HTML 17Page - Texas Instruments GC2011A Datasheet HTML 18Page - Texas Instruments GC2011A Datasheet HTML 19Page - Texas Instruments GC2011A Datasheet HTML 20Page - Texas Instruments GC2011A Datasheet HTML 21Page - Texas Instruments GC2011A Datasheet HTML 22Page - Texas Instruments GC2011A Datasheet HTML 23Page - Texas Instruments GC2011A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Texas Instruments Incorporated
- 16 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
3.3
QUARTER RATE
The number of taps in the filter can be quadrupled if the data rate into and out of the chip is one quarter the
clock rate. In this mode each filter cell stores four filter coefficients and performs two tap multiplications per output
sample. The cells’ delay lines are adjusted so that four feed-forward and four feedback data samples are delayed within
each filter cell. The accumulator at the end of the filter path sums the products to give the quarter rate output. The chip
is configured in the quarter rate mode using the control settings shown in Table 4.
The coefficients are stored in the filter cells using the formula:
Store h(k) in memory address BASE+k.
where BASE is 128 for A-path or cascaded filters and is 192 for B-path filters.
All four coefficients are active within each filter cell so the user can not switch between banks of filter
coefficients. To change or update the coefficients in the quarter rate mode, the user should set the SYNC_COEF control
bit. When set, this bit synchronizes the control write operation to the data clock in order to prevent any filter transients
or “glitches” due to asynchronous coefficient changes. This allows single coefficients to be updated synchronously
3.4
DOUBLE RATE I/O
The chip will filter data samples which are received at twice the clock rate. The user must split the data into
two data streams, each at the clock rate, one containing even time samples and one containing odd time samples. The
even data stream is then used as the A-in input and the odd data stream is used as the B-in input. Two chips are required
to perform the filtering, one for the even time outputs and one for the odd time outputs. The filtered samples are output
on the A-out pins of each chip. If the filter is intended to be a decimate by two filter, then only one chip is needed since
only the even time output samples need be generated. The double rate mode control register settings are shown in
Table 5.
The filter coefficients h(k) are stored in addresses:
128+2*k+1
for k even, and
192+2*k-1
for k odd,
where k ranges from 0 to 31. h(31) is the center tap for the odd symmetry filters.
Table 4: Quarter Rate Mode Control Register Settings
Symmetry
Dual Path or
Cascaded
# of Taps
(N)
A-PATH
B-PATH
Cascade
Latency
REG0
REG1
REG0
REG1
REG
None
Dual
64
A202
8E00
8202
8E00
2000
50
Cascaded
128
A202
8E28
8202
8E00
5E00
66
Even
Dual
128
A202
9018
8202
9018
2000
50
Cascaded
256
A202
9028
8202
9018
5E00
66
Odd
Dual
127
A202
9094
8202
9094
2000
50
Cascaded
255
A202
90A8
8202
9094
5E00
66
Table 5: Double Rate Mode Control Register Settings
Output
Symmetr
y
# of Taps
(N)
A-PATH
B-PATH
Cascade Output
Latency
REG0 REG1 REG0 REG1
REG
REG
Even Output chip
None
32
60d8
6000
00D8
6000
2000
0048
44
Odd
63
60d8
6108
00D8
6181
2000
0048
44
Odd Output chip
None
32
00d8
6000
20D8
6000
2000
0048
44
Odd
63
00d8
6108
20D8
6181
2000
0048
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com