Electronic Components Datasheet Search
  English  ▼

X  

GC2011A Datasheet(PDF) 41 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 41 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 37Page - Texas Instruments GC2011A Datasheet HTML 38Page - Texas Instruments GC2011A Datasheet HTML 39Page - Texas Instruments GC2011A Datasheet HTML 40Page - Texas Instruments GC2011A Datasheet HTML 41Page - Texas Instruments GC2011A Datasheet HTML 42Page - Texas Instruments GC2011A Datasheet HTML 43Page - Texas Instruments GC2011A Datasheet HTML 44Page - Texas Instruments GC2011A Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
Texas Instruments Incorporated
- 37 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
6.10
NEW MODES REGISTER
This register controls the new modes added to the GC2011A chip. This address was not used in the GC2011
chip. Bits 8,9,12,13,14,and 15 power up low.
ADDRESS 12:
NEW_MODES
BIT
TYPE
NAME
DESCRIPTION
0-7 (LSBs)
R only
REVISION
These bits read back the current mask revision number.
8
R/W
POWER_DOWN
Forces the chip to be in the static power down mode when set.
9
R/W
DISABLE_CLOCK_LOSS_DETECT
Turns off the clock loss detect circuit when set. This bit should be kept
low.
10,11
R only
POWER_DOWN_STATUS
These bits go low when the chip is in the power down state,
either because bit 8 (POWER_DOWN) above is set, or because
clock loss has been detected. These bits are normally high.
12
R/W
INV_MSB_AOUT
Inverts the MSB of the A-output when set.
13
R/W
INV_MSB_BOUT
Inverts the MSB of the B-output when set.
14
R/W
INV_MSB_AIN
Inverts the MSB of the A-input when set.
15 (MSB)
R/W
INV_MSB_BIN
Inverts the MSB of the B-input when set.
The REVISION field can be used to determine the mask revision number for the GC2011A. The mask revision
numbers and the mask change descriptions are shown in Table 15 below (the mask codes are printed on the GC2011A
package).
The INV_MSB control bits will invert the MSB of the A and B inputs or the A and B outputs in order to convert
to and from offset binary and two’s complement formats. If the input data is offset binary, then the INV_MSB_AIN and/or
INV_MSB_BIN control bits should be set. If the output data needs to be converted to offset binary, then the
INV_MSB_AOUT and/or INV_MSB_BOUT control bits should be set.
Table 15: Mask Revisions
Mask
Revision
Number
(bits 0-7)
Release Date
Mask Code
on Package
Description
01
February 1999
55585B
Original



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com