Electronic Components Datasheet Search
  English  ▼

X  

GC2011A Datasheet(PDF) 16 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 16 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 12Page - Texas Instruments GC2011A Datasheet HTML 13Page - Texas Instruments GC2011A Datasheet HTML 14Page - Texas Instruments GC2011A Datasheet HTML 15Page - Texas Instruments GC2011A Datasheet HTML 16Page - Texas Instruments GC2011A Datasheet HTML 17Page - Texas Instruments GC2011A Datasheet HTML 18Page - Texas Instruments GC2011A Datasheet HTML 19Page - Texas Instruments GC2011A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Texas Instruments Incorporated
- 12 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
By triggering on the TC strobe the user can guarantee that the snapshots are spaced by a known number of
samples. For example, the user can program the chip to capture blocks of 512 samples every 220 clocks. The blocks
can then be coherently combined to calculate accurate spectral information.
Once the snapshot has been triggered, the chip clears the START control bit. When the snapshot is finished
the chip will set the A_DONE or B_DONE bits in SNAP_REGC. NOTE that the delay from START being cleared to the
DONE bits being set can be up to 8192 clocks when the rate is every fourth clock and the trigger delay is set to 15.
The user accesses the snapshot as 256 16 bit words using addresses 256 to 511 in the chip’s control address
space. If the samples were stored as bytes, the results can either be read as two byte words, or be read as sign
extended bytes. If the user is reading bytes, then a control bit is used to select the upper or lower byte. The snapshot
memory is read-only by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com