Electronic Components Datasheet Search
  English  ▼

X  

GC2011A Datasheet(PDF) 5 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 5 Page - Texas Instruments

  GC2011A Datasheet HTML 1Page - Texas Instruments GC2011A Datasheet HTML 2Page - Texas Instruments GC2011A Datasheet HTML 3Page - Texas Instruments GC2011A Datasheet HTML 4Page - Texas Instruments GC2011A Datasheet HTML 5Page - Texas Instruments GC2011A Datasheet HTML 6Page - Texas Instruments GC2011A Datasheet HTML 7Page - Texas Instruments GC2011A Datasheet HTML 8Page - Texas Instruments GC2011A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
Texas Instruments Incorporated
- 1 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
GC2011A DATASHEET
1.1
BLOCK DIAGRAM
A block diagram illustrating the major functions of the chip is shown in Figure 1
Figure 1. GC2011A Block Diagram
12 bits
Data In
Sum In
32 bits
Data Out
Sum Out
12 bits
32 bits
A-PATH
(16 FILTER CELLS)
12 bits
Data In
Sum In
32 bits
Data Out
Sum Out
12 bits
32 bits
B-PATH
(16 FILTER CELLS)
12 bits
BIN
AOUT
BOUT
CASCADE MODE
2-12
ADD
24 BIT MODE
GAIN
32 bits
32 bits
24 bits
16 bits
16 bits
16 bits
+/-1
+/-1
12 bits
AIN
+/-1
+/-1
12 bits
AIN
12 bits
BIN
16 bits
AOUT
16 bits
BOUT
SNAPSHOT RAM
-DUAL 128 BY 16 BIT MODE
-DUAL 256 BY 8 BIT MODE
-SINGLE 256 BY 16 BIT MODE
-SINGLE 512 BY 8 BIT MODE
CONTROL INTERFACE
16 bits
C
9 bits
A
RE
WE
MODE CONTROLS
SNAPRAM READ
COEFFICIENT READ/WRITE
Feedback Out
Feedback In
(CASCADE MODE ONLY)
CE
•
128 tap interpolate by 2 or 4
•
128 taps for 1/2 rate I/O
•
256 taps for 1/4 rate I/O
•
200 MSPS real to 100 MSPS complex
conversion mode
•
Real to complex or complex to real
conversion modes
•
Snapshot memory for adaptive filter
update calculations
•
Gain adjust in 0.5 dB steps
•
Microprocessor
interface
for
control,
output, and diagnostics
•
Built in diagnostics
•
1.6 Watt at 80 MHz, 3.3 volts
•
160 pin quad flat pack package
•
160 pin ball grid array package
1.0
KEY FEATURES
•
Improved 3.3 volt, higher speed, GC2011
replacement
•
106 million samples per second (MSPS) input
rate
•
Dual inputs for complex, dual path or double
rate input processing
•
2’s Complement to offset binary conversion
•
12 bit or 24 bit data, 14 bit coefficients
•
8, 10, 12, 14, 16, 20 or 24 bit outputs
•
32 bit internal precision
•
32 multiply-add filter cells
•
Snapshot memory for adaptive filtering
•
64 taps with even or odd symmetry
•
128 tap decimate by 2
•
256 tap decimate by 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com