Electronic Components Datasheet Search
  English  ▼

X  

GC2011A Datasheet(PDF) 45 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 45 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 41Page - Texas Instruments GC2011A Datasheet HTML 42Page - Texas Instruments GC2011A Datasheet HTML 43Page - Texas Instruments GC2011A Datasheet HTML 44Page - Texas Instruments GC2011A Datasheet HTML 45Page - Texas Instruments GC2011A Datasheet HTML 46Page - Texas Instruments GC2011A Datasheet HTML 47Page - Texas Instruments GC2011A Datasheet HTML 48Page - Texas Instruments GC2011A Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
Texas Instruments Incorporated
- 41 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
8.0
APPLICATION NOTES
8.1
POWER AND GROUND CONNECTIONS
The GC2011A chip is a very high performance chip which requires solid power and ground connections to
avoid noise on the VCC and GND pins. If possible the GC2011A chip should be mounted on a circuit board with
dedicated power and ground planes and with at least two decoupling capacitors (0.01 and 0.1
µf) adjacent to each
GC2011A chip. If dedicated power and ground planes are not possible, then the user should place decoupling
capacitors adjacent to each VCC and GND pair.
IMPORTANT
The GC2011A chip may not operate properly if these power and ground guidelines are violated.
8.2
STATIC SENSITIVE DEVICE
The GC2011A chip is fabricated in a high performance CMOS process which is sensitive to the high voltage
transients caused by static electricity. These parts can be permanently damaged by static electricity and should only be
handled in static free environments.
8.3
106 MHZ OPERATION
Care must be taken in generating the clock when operating the GC2011A chip at its full 106 MHz clock rate.
The user must insure that the clock is above 2 volts for at least 3.6 nanoseconds and is below 0.8 volt for at least 3.8
nanoseconds.
8.4
REDUCED VOLTAGE OPERATION
The power consumed by the GC2011A chip can be greatly reduced by operating the chip at the lowest VCC
voltage which will meet the application’s timing requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com