Electronic Components Datasheet Search
  English  ▼

X  

GC2011A Datasheet(PDF) 36 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 36 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 32Page - Texas Instruments GC2011A Datasheet HTML 33Page - Texas Instruments GC2011A Datasheet HTML 34Page - Texas Instruments GC2011A Datasheet HTML 35Page - Texas Instruments GC2011A Datasheet HTML 36Page - Texas Instruments GC2011A Datasheet HTML 37Page - Texas Instruments GC2011A Datasheet HTML 38Page - Texas Instruments GC2011A Datasheet HTML 39Page - Texas Instruments GC2011A Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Texas Instruments Incorporated
- 32 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
6.3
CASCADE MODE CONTROL REGISTER
This register controls the cascade mode and the synchronous coefficient storage mode.
ADDRESS 4:
CASCADE_REG
BIT
TYPE
NAME
DESCRIPTION
0 (LSB)
R/W
SYNC_COEF
This bit forces the filter coefficient data to be synchronized to the
system clock before they are stored in the filter cell coefficient
registers.
NOTE: The write cycle control strobe, when storing a coefficient in this
mode, must be active for at least 5 data clock cycles.
1-8
R/W
-
Unused.
9-15(MSB)
R/W
CASCADE
This 7 bit field controls the cascade mode according to the following
table:
CASCADE
DESCRIPTION
(HEX)
10
Dual path mode.
2F
Cascade mode for non-full rate filters
4F
Cascade mode for full rate filters.
To enable the cascade mode the user must also set ANTI_SYM to 1 and FEED_BACK to 08 in APATH_REG1.
In the cascade mode the following control bits are not used:
APATH_REG0:
ACCUM
APATH_REG1:
ODD_SYM
BPATH_REG0:
RATE,NEG_IN, AB_SEL, DELAY_SEL, COEF_SEL
BPATH_REG1:
REV_DELAY, FOR_DELAY
These bits can be treated as “don’t cares”.
The SYNC_COEF mode is only needed when the user is dynamically changing filter coefficients in the
decimate by 4, interpolate by 4 or quarter rate modes. These modes use all four coefficient registers in each filter cell.
Otherwise the user can dynamically change filter coefficients by switching between banks of filter coefficients using the
COEF_SEL control described in Section 6.1.
6.4
COUNTER REGISTER
This register sets the cycle time of the 20 bit internal counter.
ADDRESS 5:
COUNTER_REG
BIT
TYPE
NAME
DESCRIPTION
0-15
R/W
CNT
CNT is the 16 bit counter control word. The counter is preset to
(16*CNT+15) by SI, counts down to zero, and then starts over
again.
A TC terminal count strobe is generated by the counter when it is preset by SI and every time it reaches zero.
The delay from SI to the first TC strobe is set at 8 clocks. The TC strobe will then repeat every 16*(CNT+1) clocks.
6.5
GAIN REGISTER
The gain register controls the filter’s output gain and rounding. Note that the gain setting is synchronized to the
data clock so that gain changes will not cause “glitches” on the output when it is changed. The gain and rounding control
is common to both paths of the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com