Electronic Components Datasheet Search
  English  ▼

X  

GC2011A Datasheet(PDF) 37 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 37 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 33Page - Texas Instruments GC2011A Datasheet HTML 34Page - Texas Instruments GC2011A Datasheet HTML 35Page - Texas Instruments GC2011A Datasheet HTML 36Page - Texas Instruments GC2011A Datasheet HTML 37Page - Texas Instruments GC2011A Datasheet HTML 38Page - Texas Instruments GC2011A Datasheet HTML 39Page - Texas Instruments GC2011A Datasheet HTML 40Page - Texas Instruments GC2011A Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
Texas Instruments Incorporated
- 33 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
ADDRESS 6:
GAIN_REG
BIT
TYPE
NAME
DESCRIPTION
0-3
R/W
F
The 4 bit gain fraction.
4-7
R/W
S
The 4 bit gain exponent.
8-14
R/W
ROUND
Controls the output rounding according to the following table:
ROUND
DESCRIPTION
(HEX)
00
Truncate
01
Round to the 8 MSBs
02
Round to the 10 MSBs
04
Round to the 12 MSBs
08
Round to the 14 MSBs
10
Round to the 16 MSBs
20
Round to the 20 MSBs
40
Round to the 24 MSBs
15 (MSB)
R/W
-
Unused
The chip’s output gain is set using F and S according to the following formula:
GAIN =2(S-20)(1+F/16)(DC_GAIN)
Where DC_GAIN is the sum of the filter coefficients. Unity gain, according to this formula, will map the MSB of the12 bit
input data (AI11 or BI11) into the MSB of the selected output word (AO15 or BO15).
The 32 bit filter path output is rounded to the number of most significant bits selected by the round control. The
gain circuit output is saturated to plus or minus full scale if the GAIN setting causes an overflow. The AOF or BOF output
pins will go high whenever an overflow is detected in the A-Path or B-path gain circuit.
For example: If the DC gain of the filter coefficients is 215 (i.e., the sum of the coefficients is 215), then the
overall gain of the filter can be set to unity by setting S to 5 and F to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com