Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 30 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 30 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 26Page - PMC-Sierra, Inc PM6344 Datasheet HTML 27Page - PMC-Sierra, Inc PM6344 Datasheet HTML 28Page - PMC-Sierra, Inc PM6344 Datasheet HTML 29Page - PMC-Sierra, Inc PM6344 Datasheet HTML 30Page - PMC-Sierra, Inc PM6344 Datasheet HTML 31Page - PMC-Sierra, Inc PM6344 Datasheet HTML 32Page - PMC-Sierra, Inc PM6344 Datasheet HTML 33Page - PMC-Sierra, Inc PM6344 Datasheet HTML 34Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
17
Pin Name
Type
Pin No.
Function
BRSIG[1]
BRSIG[2]
BRSIG[3]
BRSIG[4]
Output
99
100
101
102
Backplane Receive Signaling (BRSIG[4:1]). The
BRSIG[4:1] signals are available on these outputs when
the backplane is configured for single-rail output. Each
BRSIG[x] contains the extracted signaling bits for each
channel in the frame, repeated for the entire
superframe. Each channel's signaling bits are valid in
bit locations 5,6,7,8 of the channel and are channel-
aligned with the BRPCM[x] data stream. When the
ELST is not by-passed or the RCLKOSEL register bit is
not set, the BRSIG[x] stream is aligned to the backplane
timing and is updated on the falling edge of BRCLK.
When the ELST is by-passed or the RCLKOSEL
register bit is set, BRSIG[x] is aligned to the receive line
timing and is updated on the falling edge of the
associated RCLKO[x].
BRDN[1]
BRDN[2]
BRDN[3]
BRDN[4]
Backplane Receive Negative Line Pulse (BRDN[4:1]).
The BRDN[4:1] signals are available on these outputs
when the backplane is configured for dual-rail output.
Each BRDN[x] NRZ output represents the RZ receive
digital negative pulse signal extracted from the input
bipolar signal. BRDN[x] is updated on the falling edge
of the associated RCLKO[x].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com