Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 62 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 62 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 58Page - PMC-Sierra, Inc PM6344 Datasheet HTML 59Page - PMC-Sierra, Inc PM6344 Datasheet HTML 60Page - PMC-Sierra, Inc PM6344 Datasheet HTML 61Page - PMC-Sierra, Inc PM6344 Datasheet HTML 62Page - PMC-Sierra, Inc PM6344 Datasheet HTML 63Page - PMC-Sierra, Inc PM6344 Datasheet HTML 64Page - PMC-Sierra, Inc PM6344 Datasheet HTML 65Page - PMC-Sierra, Inc PM6344 Datasheet HTML 66Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
49
Address
Register
#1
# 2
# 3
# 4
014H
094H
114H
194H
Channel Select (1 to 8)
015H
095H
115H
195H
Channel Select (9 to 16)
016H
096H
116H
196H
Channel Select (17 to 24)
017H
097H
117H
197H
Channel Select (25 to 32)
018H
098H
118H
198H
DJAT Interrupt Status
019H
099H
119H
199H
DJAT Reference Clock Divisor (N1)
Control
01AH
09AH
11AH
19AH
DJAT Output Clock Divisor (N2) Control
01BH
09BH
11BH
19BH
DJAT Configuration
01CH
09CH
11CH
19CH
ELST Configuration
01DH
09DH
11DH
19DH
ELST Interrupt Enable/Status
01EH
09EH
11EH
19EH
ELST Idle Code
01FH
09FH
11FH
19FH
ELST Reserved
020H
0A0H
120H
1A0H
FRMR Framing Alignment Options
021H
0A1H
121H
1A1H
FRMR FRMR Maintenance Mode
Options
022H
0A2H
122H
1A2H
FRMR Framing Status Interrupt Enable
023H
0A3H
123H
1A3H
FRMR Maintenance/Alarm Status
Interrupt Enable
024H
0A4H
124H
1A4H
FRMR Framing Status Interrupt
Indication
025H
0A5H
125H
1A5H
FRMR Maintenance/Alarm Status
Interrupt Indication
026H
0A6H
126H
1A6H
FRMR Framing Status
027H
0A7H
127H
1A7H
FRMR Maintenance/Alarm Status
028H
0A8H
128H
1A8H
FRMR International/National Bits
029H
0A9H
129H
1A9H
FRMR Extra Bits
02AH
0AAH
12AH
1AAH
FRMR CRC Error Count - LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com