Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 59 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 59 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 55Page - PMC-Sierra, Inc PM6344 Datasheet HTML 56Page - PMC-Sierra, Inc PM6344 Datasheet HTML 57Page - PMC-Sierra, Inc PM6344 Datasheet HTML 58Page - PMC-Sierra, Inc PM6344 Datasheet HTML 59Page - PMC-Sierra, Inc PM6344 Datasheet HTML 60Page - PMC-Sierra, Inc PM6344 Datasheet HTML 61Page - PMC-Sierra, Inc PM6344 Datasheet HTML 62Page - PMC-Sierra, Inc PM6344 Datasheet HTML 63Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
46
Figure 7
- DJAT Jitter Transfer
0
-10
-20
-30
-40
-50
1
10
100
1k
10k
Jitter Frequency, Hz
Jitter Gain
(dB)
8.8
G.737, G738,
G.739, G.742
max
DJAT
response
Frequency Range
In the non-attenuating mode, that is, when the FIFO is within one UI of
overrunning or under running, the tracking range is 1.963 to 2.133 MHz. The
guaranteed linear operating range for the jittered input clock is 2.048 MHz ±
1278 Hz with worst case jitter (42 UIpp) and maximum XCLK frequency offset (±
100 ppm). The nominal range is 2.048 MHz ± 103 Hz with no jitter or XCLK
frequency offset.
8.13 Timing Options (TOPS)
The Timing Options block provides a means of selecting the source of the
internal input clock to the DJAT block, the reference signal for the digital PLL, and
the clock source used to derive the output TCLKO[x] signal.
8.14 Digital E1 Transmit Interface (DTIF)
The Digital E1 Transmit Interface provides control over the various output options
available on the multifunctional digital transmit pins TDP/TDD[x] and
TDN/TFLG[x]. When configured for dual-rail output, the multifunctional pins
become the TDP[x] and TDN[x] outputs. These outputs can be formatted as
either return-to-zero (RZ) or non-return-to-zero (NRZ) signals and can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com