Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 74 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 74 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 70Page - PMC-Sierra, Inc PM6344 Datasheet HTML 71Page - PMC-Sierra, Inc PM6344 Datasheet HTML 72Page - PMC-Sierra, Inc PM6344 Datasheet HTML 73Page - PMC-Sierra, Inc PM6344 Datasheet HTML 74Page - PMC-Sierra, Inc PM6344 Datasheet HTML 75Page - PMC-Sierra, Inc PM6344 Datasheet HTML 76Page - PMC-Sierra, Inc PM6344 Datasheet HTML 77Page - PMC-Sierra, Inc PM6344 Datasheet HTML 78Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
61
TXDMASIG:
The TXDMASIG bit selects the internal HDLC transmitter (XFDL) request for
service interrupt (INT) and data underrun (UDR) signals to be output on the
TDLINT[x] and TDLUDR[x] pins. When TXDMASIG is set to logic 1, the
TDLINT[x] and TDLUDR[x] output pins can be used by a DMA controller to
service the datalink. When TXDMASIG is set to logic 0, the XFDL INT and
UDR signals are no longer available to a DMA controller; the signals on
TDLINT[x] and TDLUDR[x] become the serial datalink data input and clock,
TDLSIG[x] and TDLCLK[x]. In this mode an external controller is responsible
for formatting the data stream presented on the TDLSIG[x] input to
correspond to the datalink in Time Slot 16 or the Time Slot 0 National Use
bits. If the TRAN block Configuration DLEN bit is logic 1 and the TRAN block
Configuration SIGEN bit is a logic 0, the TDLSIG data stream is inserted into
Time Slot 16 and the TDLCLK[x] pin is a 50% duty cycle 64 kHz clock;
otherwise, the TDLSIG[x] data stream is inserted into the Time Slot 0 National
Use positions enabled by the TXSAxEN bits. The TFRACE1 bit takes
precedent over TXDMASIG
In the default case TDLCLK[x] is a bursted 4 kHz clock and TDLSIG[x] is
inserted into the TS0 Sa4 bit.
TFRACE1:
The TFRACE1 bit selects whether a fractional E1 is inserted into a subset of
the channels of each frame via the TDLSIG[x] input, or whether the
TDLINT/TDLSIG[x] and TDLUDR/TDLCLK[x] pins operate as defined by the
TXDMASIG bit. When TFRACE1 is set to logic 1, the channel data is
expected on TDLSIG[x], sampled on the rising edge of a burst clock provided
on TDLCLK[x]. The channels inserted are determined by the Channel Select
registers; all others are inserted through BTPCM[x]. When TFRACE1 is set to
logic 0, the TDLINT/TDLSIG[x] and TDLUDR/TDLCLK[x] pins contain the
signals selected by the TXDMASIG bit.
RDLINTE:
The RDLINTE bit enables the RFDL received-data interrupt to also generate
an interrupt on the microprocessor interrupt, INTB. This allows a single
microprocessor to service the RFDL without needing to interface to the DMA
control signals. When RDLINTE is set to logic 1, an event causing an
interrupt in the RFDL (which is visible on the RDLINT output pin when
RXDMASIG is logic 1) also causes an interrupt to be generated on the INTB
output. When RDLINTE is set to logic 0, an interrupt event in the RFDL does
not cause an interrupt on INTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com