Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 57Page - PMC-Sierra, Inc PM6344 Datasheet HTML 58Page - PMC-Sierra, Inc PM6344 Datasheet HTML 59Page - PMC-Sierra, Inc PM6344 Datasheet HTML 60Page - PMC-Sierra, Inc PM6344 Datasheet HTML 61Page - PMC-Sierra, Inc PM6344 Datasheet HTML 62Page - PMC-Sierra, Inc PM6344 Datasheet HTML 63Page - PMC-Sierra, Inc PM6344 Datasheet HTML 64Page - PMC-Sierra, Inc PM6344 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
48
9
REGISTER DESCRIPTION
Table 1
- Normal Mode Register Memory Map
Address
Register
#1
# 2
# 3
# 4
000H
080H
100H
180H
Receive Options
001H
081H
101H
181H
Receive Backplane Options
002H
082H
102H
182H
Datalink Options
003H
083H
103H
183H
Receive Interface Configuration
004H
084H
104H
184H
Transmit Interface Configuration
005H
085H
105H
185H
Transmit Backplane Options
006H
086H
106H
186H
Transmit Framing and Bypass Options
007H
087H
107H
187H
Transmit Timing Options
008H
088H
108H
188H
Master Interrupt Source
009H
089H
109H
189H
Receive TS0 Data Link Enables
00AH
08AH
10AH
18AH
Master Diagnostics
00BH
EQUAD Master Test
00CH
EQUAD Revision/Chip ID/Global PMON
Update
08BH
10BH
18BH
Reserved
08CH
10CH
18CH
Reserved
00DH
08DH
10DH
18DH
Framer Reset
00EH
08EH
10EH
18EH
Phase Status Word (LSB)
00FH
08FH
10FH
18FH
Phase Status Word (MSB)
010H
090H
110H
190H
CDRC Configuration
011H
091H
111H
191H
CDRC Interrupt Enable
012H
092H
112H
192H
CDRC Interrupt Status
013H
093H
113H
193H
Alternate Loss of Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com