Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 88 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 88 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 84Page - PMC-Sierra, Inc PM6344 Datasheet HTML 85Page - PMC-Sierra, Inc PM6344 Datasheet HTML 86Page - PMC-Sierra, Inc PM6344 Datasheet HTML 87Page - PMC-Sierra, Inc PM6344 Datasheet HTML 88Page - PMC-Sierra, Inc PM6344 Datasheet HTML 89Page - PMC-Sierra, Inc PM6344 Datasheet HTML 90Page - PMC-Sierra, Inc PM6344 Datasheet HTML 91Page - PMC-Sierra, Inc PM6344 Datasheet HTML 92Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
75
Input Transmit Data
Bit Settings
XCLK Freq Effect on Output Transmit
Data
Backplane transmit
data timed to
BTCLK[x].
HSBPSEL
=0
XCLKSEL
=0
OCLKSEL1 =0
OCLKSEL0 =1
PLLREF1
=X
PLLREF0
=X
TCLKISEL
=0
SMCLKO
=0
XCLKSEL
=1
TCLKISEL
=1
SMCLKO
=1
49.152MHz
16.384MHz
No jitter attenuation.
TCLKO[x] is equal to
TCLKI[x] (useful for higher
rate MUX applications).
Same as above.
Backplane transmit
data timed to
BTCLK[x].
HSBPSEL
=0
XCLKSEL
=0
OCLKSEL1 =0
OCLKSEL0 =0
PLLREF1
=X
PLLREF0
=X
TCLKISEL
=0
SMCLKO
=1
XCLKSEL
=1
49.152MHz
16.384MHz
TCLKI[x] is a jitter-free
16.384MHz clock.
TCLKO[x] is equal to
TCLKI[x]÷8.1
Same as above.
Backplane transmit
data timed to
BTCLK[x].
HSBPSEL
=0
XCLKSEL
=1
OCLKSEL1 =0
OCLKSEL0 =0
PLLREF1
=X
PLLREF0
=X
TCLKISEL
=1
SMCLKO
=1
jitter-free
16.384MHz
XCLK is a jitter-free
16.384MHz clock.
TCLKO[x] is equal to
XCLK÷8.1
1. The register bits SYNC, CENT, and LIMIT in the DJAT Configuration Register
must be set to logic 0 in these configurations.
Upon reset of the EQUAD, these bits are cleared to zero, selecting digital jitter
attenuation with TCLKO[x] referenced to the backplane transmit clock, BTCLK[x].
Figure 8 illustrates the various bit setting options, with the reset condition
highlighted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com