Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 56Page - PMC-Sierra, Inc PM6344 Datasheet HTML 57Page - PMC-Sierra, Inc PM6344 Datasheet HTML 58Page - PMC-Sierra, Inc PM6344 Datasheet HTML 59Page - PMC-Sierra, Inc PM6344 Datasheet HTML 60Page - PMC-Sierra, Inc PM6344 Datasheet HTML 61Page - PMC-Sierra, Inc PM6344 Datasheet HTML 62Page - PMC-Sierra, Inc PM6344 Datasheet HTML 63Page - PMC-Sierra, Inc PM6344 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
47
updated on either the rising or falling edge of TCLKO[x]. When the interface is
configured for single-rail output, the multifunctional pins become the TDD[x] and
TFLG[x] outputs, which can be enabled to be updated on either the rising or
falling TCLKO[x] edge. Further, the TFLG[x] output can be enabled to indicate
FIFO empty or FIFO full status.
The DTIF block also provides Alarm Indication Signaling (AIS) generation
capability by generating alternating mark signals on the TDP/TDN[x] outputs, or
all-ones on the TDD[x] output, when the TAISEN bit is set in the Transmit E1
Interface Configuration register. This is useful when the internal loopback modes
are used.
8.15 Backplane Transmit Interface (BTIF)
The Backplane Transmit Interface allows data to be taken from a backplane in
either a 2.048 Mbit/s or 16.384 Mbit/s serial stream and allows BPV transparency
by accepting dual-rail data input at 2.048 Mbit/s.
When configured to receive a 2.048 Mbit/s data rate stream, the block expects
the input data stream on the BTPCM[x] pin to contain 32 timeslots. The
BTSIG[x] input pin must contain 30 bytes of signaling nibble data located in the
least significant nibble of each byte. The framing alignment indication on the
BTFP[x] pin indicates the framing bit position of the 256-bit frame (or, optionally,
the framing bit position of the first frame of the signaling multiframe frame, and
the CRC multiframe).
When configured to interface to a 16.384 Mbit/s serial stream, the four sets of
PCM and signaling streams are expected to be bit interleaved. The MTFP pin
marks the framing bit position of the first multiplexed PCM stream (destined for
transmitter number one) or, optionally, the framing bit position of the first frame of
the signaling multiframe frame, and the CRC multiframe. MTFP operates in a
similar fashion to BTFP[x], but is only valid at positions coincident with the first
multiplexed PCM stream. All four multiplexed interfaces will have the same
frame, signaling multiframe, and CRC multiframe alignment. See the Functional
Timing section for more details.
8.16 Microprocessor Interface (MPIF)
The Microprocessor Interface allows the EQUAD to be configured, controlled and
monitored via internal registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com