Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 92 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 92 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 88Page - PMC-Sierra, Inc PM6344 Datasheet HTML 89Page - PMC-Sierra, Inc PM6344 Datasheet HTML 90Page - PMC-Sierra, Inc PM6344 Datasheet HTML 91Page - PMC-Sierra, Inc PM6344 Datasheet HTML 92Page - PMC-Sierra, Inc PM6344 Datasheet HTML 93Page - PMC-Sierra, Inc PM6344 Datasheet HTML 94Page - PMC-Sierra, Inc PM6344 Datasheet HTML 95Page - PMC-Sierra, Inc PM6344 Datasheet HTML 96Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
79
that is logic 1. Any combination enable bits is allowed resulting in a data rate
between 4 kbit/s and 20 kbit/s.
If all RXSAxEN (where x is the values 4 to 8 inclusive) bits are set to logic 0,
Timeslot 16 is extracted and treated as a data link. If RXDMASIG is set to
logic 0, Timeslot16 is made available on the RDLSIG[x] output and
RDLCLK[x] is an associated 64 kHz clock. If RXDMASIG is logic 1, the data
link is terminated by the HDLC receiver and the RDLINT/RDLSIG[x] and
RDLEOM/RDLCLK[x] pins operate as a data link interrupt (RDLINT[x]) and a
end-of-message (RDLEOM[x]) indication.
Note that the RFRACE1 bit will force fractional E1 channel outputs on
RDLINT/RDLSIG[x] and RDLEOM/RDLCLK[x] if it is set to logic 1 as it has
the highest priority over the control of these outputs.
Upon reset of the EQUAD, all bits are logic 0 except RXSA4EN. By default, a 4
kbit/s data link is extracted from Sa4 and presented on the RDLSIG output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com