Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 85Page - PMC-Sierra, Inc PM6344 Datasheet HTML 86Page - PMC-Sierra, Inc PM6344 Datasheet HTML 87Page - PMC-Sierra, Inc PM6344 Datasheet HTML 88Page - PMC-Sierra, Inc PM6344 Datasheet HTML 89Page - PMC-Sierra, Inc PM6344 Datasheet HTML 90Page - PMC-Sierra, Inc PM6344 Datasheet HTML 91Page - PMC-Sierra, Inc PM6344 Datasheet HTML 92Page - PMC-Sierra, Inc PM6344 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
76
Figure 8
- Transmit Timing Options
11
DJAT
FIFO
BTCLK[x]
BTXCLK
FIFO input
data clock
0
1
OCLKSEL1
DJAT
PLL
01
10
PLLREF[1:0]
00
RCLKO[x]
TCLKI[x]
0
1
SMCLKO
0
1
Smooth 2.048MHz
Smooth
16.384
MHz
1
0
÷ 8
OCLKSEL0
0
1
TCLKISEL
XCLK
0
1
XCLKSEL
0
1
HSBPSEL
÷ 2
(49.152MHz or
16.384MHz)
"Jitter-free"
2.048MHz
"Jitter-free"
16.384MHz
"High-speed" clock for CDRC
& FRMR (=16.384MHz)
"High-speed" clock for ELST,
SIGX, TPSC & RPSC (•6x max
backplane clockrate)
FIFO output
data clock
TCLKO[x]
0
1
÷ 3
24X reference clock
for jitter attenuation
This diagram illustrates clock configurations for when the RCLKOSEL bit is set to
logic 0. See the Operations - Receiver Jitter Attenuation section for DJAT clock
configurations when RCLKOSEL is set to logic 1.
The DJAT requires a 49.152MHz clock; if a 16.384MHz clock is used for XCLK,
then the DJAT will not function and should be bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com