Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 18Page - NXP Semiconductors LPC18S50 Datasheet HTML 19Page - NXP Semiconductors LPC18S50 Datasheet HTML 20Page - NXP Semiconductors LPC18S50 Datasheet HTML 21Page - NXP Semiconductors LPC18S50 Datasheet HTML 22Page - NXP Semiconductors LPC18S50 Datasheet HTML 23Page - NXP Semiconductors LPC18S50 Datasheet HTML 24Page - NXP Semiconductors LPC18S50 Datasheet HTML 25Page - NXP Semiconductors LPC18S50 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
22 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
P4_3
C2
B2
-
7
[5]
N; PU I/O
GPIO2[3] — General purpose digital input/output pin.
O
CTOUT_3 — SCTimer/PWM output 3. Match output 3 of
timer 0.
O
LCD_VD2 — LCD data.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD21 — LCD data.
I/O
U3_BAUD — Baud pin for USART3.
-
R — Function reserved.
AI
ADC0_0 — ADC0 and ADC1, input channel shared with DAC
output. Configure the pin as GPIO input and use the ADC
function select register in the SCU to select the ADC.
P4_4
B1
A1
-
9
[5]
N; PU I/O
GPIO2[4] — General purpose digital input/output pin.
O
CTOUT_2 — SCTimer/PWM output 2. Match output 2 of
timer 0.
O
LCD_VD1 — LCD data.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD20 — LCD data.
I/O
U3_DIR — RS-485/EIA-485 output enable/direction control for
USART3.
-
R — Function reserved.
AO DAC — DAC output. Shared between 10-bit ADC0/1 and
DAC. Configure the pin as GPIO input and use the analog
function select register in the SCU to select the DAC.
P4_5
D2
C2
-
10
[2]
N; PU I/O
GPIO2[5] — General purpose digital input/output pin.
O
CTOUT_5 — SCTimer/PWM output 5. Match output 3 of
timer 3.
O
LCD_FP — Frame pulse (STN). Vertical synchronization pulse
(TFT).
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com