| Electronic Components Datasheet Search |
|
LPC18S50 Datasheet(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC18S50 Datasheet(HTML) 40 Page - NXP Semiconductors |
|
40 / 151 page ![]() LPC18S50_S30_S10 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 1 — 23 February 2015 40 of 151 NXP Semiconductors LPC18S50/S30/S10 32-bit ARM Cortex-M3 microcontroller PC_3 F5 - - - [5] N; PU I/O USB1_ULPI_D5 — ULPI link bidirectional data line 5. - R — Function reserved. O U1_RTS — Request to Send output for UART1. Can also be configured to be an RS-485/EIA-485 output enable signal for UART1. O ENET_TXD3 — Ethernet transmit data 3 (MII interface). I/O GPIO6[2] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. O SD_VOLT1 — SD/MMC bus voltage select output 1. AI ADC1_0 — ADC1 and ADC0, input channel shared with DAC output. Configure the pin as GPIO input and use the ADC function select register in the SCU to select the ADC. PC_4 F4 - - - [2] N; PU - R — Function reserved. I/O USB1_ULPI_D4 — ULPI link bidirectional data line 4. - R — Function reserved. ENET_TX_EN — Ethernet transmit enable (RMII/MII interface). I/O GPIO6[3] — General purpose digital input/output pin. - R — Function reserved. I T3_CAP1 — Capture input 1 of timer 3. I/O SD_DAT0 — SD/MMC data bus line 0. PC_5 G4 - - - [2] N; PU - R — Function reserved. I/O USB1_ULPI_D3 — ULPI link bidirectional data line 3. - R — Function reserved. O ENET_TX_ER — Ethernet Transmit Error (MII interface). I/O GPIO6[4] — General purpose digital input/output pin. - R — Function reserved. I T3_CAP2 — Capture input 2 of timer 3. I/O SD_DAT1 — SD/MMC data bus line 1. PC_6 H6 - - - [2] N; PU - R — Function reserved. I/O USB1_ULPI_D2 — ULPI link bidirectional data line 2. - R — Function reserved. I ENET_RXD2 — Ethernet receive data 2 (MII interface). I/O GPIO6[5] — General purpose digital input/output pin. - R — Function reserved. I T3_CAP3 — Capture input 3 of timer 3. I/O SD_DAT2 — SD/MMC data bus line 2. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |