Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 53Page - NXP Semiconductors LPC18S50 Datasheet HTML 54Page - NXP Semiconductors LPC18S50 Datasheet HTML 55Page - NXP Semiconductors LPC18S50 Datasheet HTML 56Page - NXP Semiconductors LPC18S50 Datasheet HTML 57Page - NXP Semiconductors LPC18S50 Datasheet HTML 58Page - NXP Semiconductors LPC18S50 Datasheet HTML 59Page - NXP Semiconductors LPC18S50 Datasheet HTML 60Page - NXP Semiconductors LPC18S50 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
57 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
WAKEUP0
A9
A9
A4
130
[11]
I; IA
I
External wake-up input; can raise an interrupt and can cause
wake-up from any of the low-power modes. A pulse with a
duration of at least 45 ns wakes up the part. This pin does not
have an external pull-up.
WAKEUP1
A10
C8
-
-
[11]
I; IA
I
External wake-up input; can raise an interrupt and can cause
wake-up from any of the low-power modes. A pulse with a
duration of at least 45 ns wakes up the part. This pin does not
have an external pull-up.
WAKEUP2
C9
E5
-
-
[11]
I; IA
I
External wake-up input; can raise an interrupt and can cause
wake-up from any of the low-power modes. A pulse with a
duration of at least 45 ns wakes up the part. This pin does not
have an external pull-up.
WAKEUP3
D8
-
-
-
[11]
I; IA
I
External wake-up input; can raise an interrupt and can cause
wake-up from any of the low-power modes. A pulse with a
duration of at least 45 ns wakes up the part. This pin does not
have an external pull-up.
ADC pins
ADC0_0/
ADC1_0/DAC
E3
B6
A2
6
[8]
AI/O;
IA
I
ADC input channel 0. Shared between 10-bit ADC0/1 and
DAC.
ADC0_1/
ADC1_1
C3
C4
A1
2
[8]
AI; IA
I
ADC input channel 1. Shared between 10-bit ADC0/1.
ADC0_2/
ADC1_2
A4
B3
B3
143
[8]
AI; IA
I
ADC input channel 2. Shared between 10-bit ADC0/1.
ADC0_3/
ADC1_3
B5
B4
A3
139
[8]
AI; IA
I
ADC input channel 3. Shared between 10-bit ADC0/1.
ADC0_4/
ADC1_4
C6
A5
-
138
[8]
AI; IA
I
ADC input channel 4. Shared between 10-bit ADC0/1.
ADC0_5/
ADC1_5
B3
C3
-
144
[8]
AI; IA
I
ADC input channel 5. Shared between 10-bit ADC0/1.
ADC0_6/
ADC1_6
A5
A4
-
142
[8]
AI; IA
I
ADC input channel 6. Shared between 10-bit ADC0/1.
ADC0_7/
ADC1_7
C5
B5
-
136
[8]
AI; IA
I
ADC input channel 7. Shared between 10-bit ADC0/1.
RTC
RTC_ALARM
A11
A10
C3
129
[11]
-
O
RTC controlled output. This pin has an internal pull-up. The
reset state of this pin is LOW after POR. For all other types of
reset, the reset state depends on the state of the RTC alarm
interrupt.
RTCX1
A8
A8
A5
125
[8]
-
I
Input to the RTC 32 kHz ultra-low power oscillator circuit.
RTCX2
B8
B7
B5
126
[8]
-
O
Output from the RTC 32 kHz ultra-low power oscillator circuit.
Crystal oscillator pins
XTAL1
D1
C1
B1
12
[8]
-
I
Input to the oscillator circuit and internal clock generator
circuits.
XTAL2
E1
D1
C1
13
[8]
-
O
Output from the oscillator amplifier.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com