Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 67Page - NXP Semiconductors LPC18S50 Datasheet HTML 68Page - NXP Semiconductors LPC18S50 Datasheet HTML 69Page - NXP Semiconductors LPC18S50 Datasheet HTML 70Page - NXP Semiconductors LPC18S50 Datasheet HTML 71Page - NXP Semiconductors LPC18S50 Datasheet HTML 72Page - NXP Semiconductors LPC18S50 Datasheet HTML 73Page - NXP Semiconductors LPC18S50 Datasheet HTML 74Page - NXP Semiconductors LPC18S50 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
71 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
7.13.6.1
Features
• Dynamic memory interface support including single data rate SDRAM. SDRAM
maximum frequency of up to 120 MHz.
• Asynchronous static memory device support including RAM, ROM, and NOR flash,
with or without asynchronous page mode.
• Low transaction latency.
• Read and write buffers to reduce latency and to improve performance.
• 8/16/32 data and 24 address lines-wide static memory support. On parts LPC1820/10
only 8/16 data lines are available.
• 16-bit and 32-bit wide chip select SDRAM memory support.
• Static memory features include:
– Asynchronous page mode read
– Programmable Wait States
– Bus turnaround delay
– Output enable and write enable delays
– Extended wait
• Four chip selects for synchronous memory and four chip selects for static memory
devices.
• Power-saving modes dynamically control EMC_CKEOUT and EMC_CLK signals to
SDRAMs.
• Dynamic memory self-refresh mode controlled by software.
• Controller supports 2048 (A0 to A10), 4096 (A0 to A11), and 8192 (A0 to A12) row
address synchronous memory parts. Those are typically 512 MB, 256 MB, and
128 MB parts, with 4, 8, 16, or 32 data bits per device.
• Separate reset domains allow auto-refresh through a chip reset if desired.
• SDRAM clock can run at full or half the Cortex-M4 core frequency.
Note: Synchronous static memory devices (synchronous burst mode) are not supported.
7.13.7 High-speed USB Host/Device/OTG interface (USB0)
Remark: USB0 is available on parts LPC1850/30/20 (see Table 2).
The USB OTG module allows the part to connect directly to a USB host such as a PC (in
device mode) or to a USB device in host mode.
7.13.7.1
Features
• On-chip UTMI+ compliant high-speed transceiver (PHY).
• Complies with Universal Serial Bus specification 2.0.
• Complies with USB On-The-Go supplement.
• Complies with Enhanced Host Controller Interface Specification.
• Supports auto USB 2.0 mode discovery.
• Supports all high-speed USB-compliant peripherals.
• Supports all full-speed USB-compliant peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com