Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 98 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 94Page - NXP Semiconductors LPC18S50 Datasheet HTML 95Page - NXP Semiconductors LPC18S50 Datasheet HTML 96Page - NXP Semiconductors LPC18S50 Datasheet HTML 97Page - NXP Semiconductors LPC18S50 Datasheet HTML 98Page - NXP Semiconductors LPC18S50 Datasheet HTML 99Page - NXP Semiconductors LPC18S50 Datasheet HTML 100Page - NXP Semiconductors LPC18S50 Datasheet HTML 101Page - NXP Semiconductors LPC18S50 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
98 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
ETHERNET
CLK_M3_ETHERNET
1.05
2.09
UART0
CLK_M3_UART0,
CLK_APB0_UART0
0.3
0.38
UART1
CLK_M3_UART1,
CLK_APB0_UART1
0.27
0.48
UART2
CLK_M3_UART2,
CLK_APB2_UART2
0.27
0.47
UART3
CLK_M3_USART3,
CLK_APB2_UART3
0.29
0.49
TIMER0
CLK_M3_TIMER0
0.07
0.14
TIMER1
CLK_M3_TIMER1
0.07
0.14
TIMER2
CLK_M3_TIMER2
0.07
0.15
TIMER3
CLK_M3_TIMER3
0.06
0.11
SDIO
CLK_M3_SDIO,
CLK_SDIO
0.79
1.37
SCTimer/PWM
CLK_M3_SCT
0.52
1.05
SSP0
CLK_M3_SSP0,
CLK_APB0_SSP0
0.12
0.21
SSP1
CLK_M3_SSP1,
CLK_APB2_SSP1
0.15
0.28
DMA
CLK_M3_DMA
1.88
3.71
WWDT
CLK_M3_WWDT
0.05
0.08
QEI
CLK_M3_QEI
0.33
0.68
USB0
CLK_M3_USB0,
CLK_USB0
1.46
3.32
USB1
CLK_M3_USB1,
CLK_USB1
2.83
5.03
RITIMER
CLK_M3_RITIMER
0.04
0.08
EMC
CLK_M3_EMC,
CLK_M3_EMC_DIV
3.6
6.97
SCU
CLK_M3_SCU
0.09
0.23
CREG
CLK_M3_CREG
0.37
0.72
Table 11.
Peripheral power consumption
Peripheral
Branch clock
IDD(REG)(3V3) in mA
Branch clock
frequency = 48 MHz
Branch clock
frequency = 96 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com