Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 93Page - NXP Semiconductors LPC18S50 Datasheet HTML 94Page - NXP Semiconductors LPC18S50 Datasheet HTML 95Page - NXP Semiconductors LPC18S50 Datasheet HTML 96Page - NXP Semiconductors LPC18S50 Datasheet HTML 97Page - NXP Semiconductors LPC18S50 Datasheet HTML 98Page - NXP Semiconductors LPC18S50 Datasheet HTML 99Page - NXP Semiconductors LPC18S50 Datasheet HTML 100Page - NXP Semiconductors LPC18S50 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
97 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
10.2 Peripheral power consumption
The typical power consumption at T = 25
C for each individual peripheral is measured as
follows:
1. Enable all branch clocks and measure the current IDD(REG)(3V3).
2. Disable the branch clock to the peripheral to be measured and keep all other branch
clocks enabled.
3. Calculate the difference between measurement 1 and 2. The result is the peripheral
power consumption.
Conditions: VDD(REG)(3V3), VDD(IO) floating.
Fig 18. Typical battery supply versus temperature in Deep power-down mode
002aah157
-40
-15
10
35
60
85
0
2
4
6
8
10
temperature (°C)
IBAT
(μA)
3.6 V
3.0 V
2.2 V
VBAT =
Table 11.
Peripheral power consumption
Peripheral
Branch clock
IDD(REG)(3V3) in mA
Branch clock
frequency = 48 MHz
Branch clock
frequency = 96 MHz
I2C1
CLK_APB3_I2C1
0.01
0.02
I2C0
CLK_APB1_I2C0
0.02
0.01
DAC
CLK_APB3_DAC
0.01
0.02
ADC0
CLK_APB3_ADC0
0.05
0.05
ADC1
CLK_APB3_ADC1
0.04
0.04
CAN0
CLK_APB3_CAN0
0.17
0.17
CAN1
CLK_APB1_CAN1
0.17
0.17
MOTOCON
CLK_APB1_MOTOCON
0.05
0.05
I2S
CLK_APB1_I2S
0.11
0.11
SPIFI
CLK_SPIFI,
CLK_M3_SPIFI
0.95
1.85
GPIO
CLK_M3_GPIO
0.66
1.31
LCD
CLK_M3_LCD
0.85
1.72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com