Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 58Page - NXP Semiconductors LPC18S50 Datasheet HTML 59Page - NXP Semiconductors LPC18S50 Datasheet HTML 60Page - NXP Semiconductors LPC18S50 Datasheet HTML 61Page - NXP Semiconductors LPC18S50 Datasheet HTML 62Page - NXP Semiconductors LPC18S50 Datasheet HTML 63Page - NXP Semiconductors LPC18S50 Datasheet HTML 64Page - NXP Semiconductors LPC18S50 Datasheet HTML 65Page - NXP Semiconductors LPC18S50 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
62 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
7.5.2 Interrupt sources
Each peripheral device has one interrupt line connected to the NVIC but can have several
interrupt flags. Individual interrupt flags can also represent more than one interrupt
source.
7.6 Event router
The event router combines various internal signals, interrupts, and the external interrupt
pins (WAKEUP[3:0]) to create an interrupt in the NVIC, if enabled. In addition, the event
router creates a wake-up signal to the ARM core and the CCU for waking up from Sleep,
Deep-sleep, Power-down, and Deep power-down modes. Individual events can be
configured as edge or level sensitive and can be enabled or disabled in the event router.
The event router can be battery powered.
The following events if enabled in the event router can create a wake-up signal from
sleep, deep-sleep, power-down, and deep power-down modes and/or create an interrupt:
• External pins WAKEUP0/1/2/3 and RESET
• Alarm timer, RTC (32 kHz oscillator running)
The following events if enabled in the event router can create a wake-up signal from sleep
mode only and/or create an interrupt:
• WWDT, BOD interrupts
• C_CAN0/1 and QEI interrupts
• Ethernet, USB0, USB1 signals
• Selected outputs of combined timers (SCTimer/PWM and timer0/1/3)
Remark: Any interrupt can wake up the ARM Cortex-M3 from sleep mode if enabled in
the NVIC.
7.7 Global Input Multiplexer Array (GIMA)
The GIMA routes internal and external signals to event-driven peripheral targets like the
SCTimer/PWM, timers, event router, or the ADCs.
7.7.1 Features
• Single selection of a source.
• Signal inversion.
• Can capture a pulse if the input event source is faster than the target clock.
• Synchronization of input event and target clock.
• Single-cycle pulse generation for target.
7.8 On-chip static RAM
The LPC18S50/S30/S10 support up to 200 kB SRAM with separate bus master access
for higher throughput and individual power control for low-power operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com