Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 63Page - NXP Semiconductors LPC18S50 Datasheet HTML 64Page - NXP Semiconductors LPC18S50 Datasheet HTML 65Page - NXP Semiconductors LPC18S50 Datasheet HTML 66Page - NXP Semiconductors LPC18S50 Datasheet HTML 67Page - NXP Semiconductors LPC18S50 Datasheet HTML 68Page - NXP Semiconductors LPC18S50 Datasheet HTML 69Page - NXP Semiconductors LPC18S50 Datasheet HTML 70Page - NXP Semiconductors LPC18S50 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
67 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
7.11 One-Time Programmable (OTP) memory
The OTP provides 64 bit One-Time Programmable (OTP) memory for general-purpose
use. 256 bit of OTP memory are available to store two AES keys in two memory banks.
One bank is encrypted.
7.12 General-Purpose I/O (GPIO)
The LPC18S50/S30/S10 provides eight GPIO ports with up to 31 GPIO pins each.
Device pins that are not connected to a specific peripheral function are controlled by the
GPIO registers. Pins may be dynamically configured as inputs or outputs. Separate
registers allow setting or clearing any number of outputs simultaneously. The value of the
output register may be read back as well as the current state of the port pins.
All GPIO pins default to inputs with pull-up resistors enabled and input buffer disabled on
reset. The input buffer must be turned on in the system control block SFS register before
the GPIO input can be read.
7.12.1 Features
• Accelerated GPIO functions:
– GPIO registers are located on the AHB so that the fastest possible I/O timing can
be achieved.
– Mask registers allow treating sets of port bits as a group, leaving other bits
unchanged.
– All GPIO registers are byte and half-word addressable.
– Entire port value can be written in one instruction.
• Bit-level set and clear registers allow a single instruction set or clear of any number of
bits in one port.
• Direction control of individual bits.
• Up to eight GPIO pins can be selected from all GPIO pins to create an edge- or
level-sensitive GPIO interrupt request.
• Two GPIO group interrupts can be triggered by any pin or pins in each port.
7.13 AHB peripherals
7.13.1 AES decryption/encryption
The hardware AES engine can decode and encode data using the AES algorithm in
conjunction with a 128-bit key.
The AES encryption and decryption features are accessible through the ROM-based AES
API.
7.13.1.1
Features
• On-chip API support for AES encryption and decryption.
• Two 128-bit OTP memories for AES key storage and customer use.One OTP memory
bank is encrypted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com