Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 60Page - NXP Semiconductors LPC18S50 Datasheet HTML 61Page - NXP Semiconductors LPC18S50 Datasheet HTML 62Page - NXP Semiconductors LPC18S50 Datasheet HTML 63Page - NXP Semiconductors LPC18S50 Datasheet HTML 64Page - NXP Semiconductors LPC18S50 Datasheet HTML 65Page - NXP Semiconductors LPC18S50 Datasheet HTML 66Page - NXP Semiconductors LPC18S50 Datasheet HTML 67Page - NXP Semiconductors LPC18S50 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
64 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
[1]
The boot loader programs the appropriate pin function at reset to boot using the SSP0 or SPIFI.
Remark: Pin functions for SPIFI and SSP0 boot are different.
Table 5.
Boot mode when OPT BOOT_SRC bits are zero
Boot mode
Pins
Description
P2_9
P2_8
P1_2
P1_1
USART0
LOW
LOW
LOW
LOW
Boot from device connected to USART0
using pins P2_0 and P2_1.
SPIFI
LOW
LOW
LOW
HIGH
Boot from Quad SPI flash connected to
the SPIFI interface on P3_3 to P3_8[1].
EMC 8-bit
LOW
LOW
HIGH
LOW
Boot from external static memory (such
as NOR flash) using CS0 and an 8-bit
data bus.
EMC 16-bit
LOW
LOW
HIGH
HIGH
Boot from external static memory (such
as NOR flash) using CS0 and a 16-bit
data bus.
EMC 32-bit
LOW
HIGH
LOW
LOW
Boot from external static memory (such
as NOR flash) using CS0 and a 32-bit
data bus.
USB0
LOW
HIGH
LOW
HIGH
Boot from USB0
USB1
LOW
HIGH
HIGH
LOW
Boot from USB1.
SPI (SSP0)
LOW
HIGH
HIGH
HIGH
Boot from SPI flash connected to the
SSP0 interface on P3_3 (function
SSP0_SCK), P3_6 (function
SSP0_SSEL), P3_7 (function
SSP0_MISO), and P3_8 (function
SSP0_MOSI)[1].
USART3
HIGH
LOW
LOW
LOW
Boot from device connected to USART3
using pins P2_3 and P2_4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com