Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 88Page - NXP Semiconductors LPC18S50 Datasheet HTML 89Page - NXP Semiconductors LPC18S50 Datasheet HTML 90Page - NXP Semiconductors LPC18S50 Datasheet HTML 91Page - NXP Semiconductors LPC18S50 Datasheet HTML 92Page - NXP Semiconductors LPC18S50 Datasheet HTML 93Page - NXP Semiconductors LPC18S50 Datasheet HTML 94Page - NXP Semiconductors LPC18S50 Datasheet HTML 95Page - NXP Semiconductors LPC18S50 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
92 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
[5]
PLL1 disabled; IRC running; CCLK = 12 MHz.
[6]
VBAT = 3.6 V.
[7]
VDD(IO) = VDDA = 3.6 V; over entire frequency range CCLK = 12 MHz to 180 MHz.
[8]
VDD(REG)(3V3) = 3.3 V; VDD(IO) = 3.3 V. Input leakage increases when VDD(IO) is floating or grounded. It is recommended to keep
VDD(REG)(3V3) and VDD(IO) powered in deep power-down mode.
[9]
On pin VBAT; Tamb =25 C.
[10] Vps corresponds to the output of the power switch (see Figure 9) which is determined by the greater of VBAT and VDD(Reg)(3V3).
[11] VDDA(3V3) = 3.3 V; Tamb =25 C.
[12] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[13] To VSS.
[14] The values specified are simulated and absolute values.
[15] The weak pull-up resistor is connected to the VDD(IO) rail and pulls up the I/O pin to the VDD(IO) level.
[16] The input cell disables the weak pull-up resistor when the applied input voltage exceeds VDD(IO).
[17] The parameter value specified is a simulated value excluding bond capacitance.
[18] For USB operation 3.0 V
 V
DD((IO)  3.6 V. Guaranteed by design.
[19] VDD(IO) present.
[20] Includes external resistors of 33
 1 % on D+ and D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com