Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 91Page - NXP Semiconductors LPC18S50 Datasheet HTML 92Page - NXP Semiconductors LPC18S50 Datasheet HTML 93Page - NXP Semiconductors LPC18S50 Datasheet HTML 94Page - NXP Semiconductors LPC18S50 Datasheet HTML 95Page - NXP Semiconductors LPC18S50 Datasheet HTML 96Page - NXP Semiconductors LPC18S50 Datasheet HTML 97Page - NXP Semiconductors LPC18S50 Datasheet HTML 98Page - NXP Semiconductors LPC18S50 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
95 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
Conditions: VDD(REG)(3V3) = 3.3 V; VBAT floating; VDD(IO) = 3.3 V.
Fig 14. Typical supply current versus temperature in Deep-sleep mode
Conditions: VDD(REG)(3V3) = 3.3 V; VBAT floating; VDD(IO) = 3.3 V.
Fig 15. Typical supply current versus temperature in Power-down mode
002aah154
-40
-15
10
35
60
85
0
60
120
180
240
300
temperature (°C)
IDD(REG)(3V3)
)(
)(
(μA)
002aah155
-40
-15
10
35
60
85
0
10
20
30
40
50
temperature (°C)
IDD(REG)(3V3)
)(
)(
(μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com