Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 16 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 12Page - SMSC Corporation LPC47M182 Datasheet HTML 13Page - SMSC Corporation LPC47M182 Datasheet HTML 14Page - SMSC Corporation LPC47M182 Datasheet HTML 15Page - SMSC Corporation LPC47M182 Datasheet HTML 16Page - SMSC Corporation LPC47M182 Datasheet HTML 17Page - SMSC Corporation LPC47M182 Datasheet HTML 18Page - SMSC Corporation LPC47M182 Datasheet HTML 19Page - SMSC Corporation LPC47M182 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
16
SMSC LPC47M182
DATASHEET
PIN#
NAME
(NOTE 1)
DESCRIPTION
BUFFER
NAME
(NOTE 2)
PWR
WELL
(NOTE 3)
NOTES
17
nDIR
Step Direction Output. This high current
low active output determines the direction
of the head movement. A logic “1” on this
pin means outward motion, while a logic
“0” means inward motion. Can be
configured as an Open-Drain Output.
O12
VCC
18
nDS0
Drive Select 0 Output. Can be configured
as an Open-Drain Output.
O12
VCC
19
nMTR0
Motor On 0 Output. Can be configured as
an Open-Drain Output.
O12
VCC
20
nINDEX
This active low Schmitt Trigger input
senses from the disk drive that the head
is positioned over the beginning of a
track, as marked by an index hole.
IS
VCC
21
DRVDEN1
Drive Density Select 1 Output. Indicates
the drive and media selected. Can be
configured as Open-Drain Output.
O12
VCC
22
DRVDEN0
Drive Density Select 0 Output. Indicates
the drive and media selected. Can be
configured as Open-Drain Output.
O12
VCC
SERIAL PORT 1 INTERFACE (8)
23
nDCD1
Active low Data Carrier Detect input for
the serial port. Handshake signal that
notifies the UART that carrier signal is
detected by the modem. The CPU can
monitor the status of nDCD signal by
reading bit 7 of Modem Status Register
(MSR). A nDCD signal state change from
low to high after the last MSR read will set
MSR bit 3 to a 1. If bit 3 of Interrupt
Enable Register is set, the interrupt is
generated when nDCD changes state.
Note: Bit 7 of MSR is the complement of
nDCD.
I
VCC
24
nDSR1
Active low Data Set Ready input for the
serial port. Handshake signal that notifies
the UART that the modem is ready to
establish the communication link. The
CPU can monitor the status of nDSR
signal by reading bit 5 of Modem Status
Register (MSR). A nDSR signal state
change from low to high after the last
MSR read will set MSR bit 1 to a 1. If bit
3 of Interrupt Enable Register is set, the
interrupt is generated when nDSR
changes state.
Note: Bit 5 of MSR is the complement of
nDSR.
I
VCC
25
RXD1
Receiver serial data input.
IS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com