Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 48 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 44Page - SMSC Corporation LPC47M182 Datasheet HTML 45Page - SMSC Corporation LPC47M182 Datasheet HTML 46Page - SMSC Corporation LPC47M182 Datasheet HTML 47Page - SMSC Corporation LPC47M182 Datasheet HTML 48Page - SMSC Corporation LPC47M182 Datasheet HTML 49Page - SMSC Corporation LPC47M182 Datasheet HTML 50Page - SMSC Corporation LPC47M182 Datasheet HTML 51Page - SMSC Corporation LPC47M182 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
48
SMSC LPC47M182
DATASHEET
6.4.9
DATA REGISTER (FIFO)
Address 3F5 READ/WRITE
All command parameter information, disk data and result status are transferred between the host
processor and the floppy disk controller through the Data Register.
Data transfers are governed by the RQM and DIO bits in the Main Status Register.
The Data Register defaults to FIFO disabled mode after any form of reset. This maintains PC/AT
hardware compatibility. The default values can be changed through the Configure command (enable full
FIFO operation with threshold control). The advantage of the FIFO is that it allows the system a larger
DMA latency without causing a disk error. Table 6.11 gives several examples of the delays with a FIFO.
The data is based upon the following formula:
Threshold #
x
1
DATA
RATE
x 8 - 1.5 us =
DELAY
At the start of a command, the FIFO action is always disabled and command parameters must be sent
based upon the RQM and DIO bit settings. As the command execution phase is entered, the FIFO is
cleared of any data to ensure that invalid data is not transferred.
An overrun or underrun will terminate the current command and the transfer of data. Disk writes will
complete the current sector by generating a 00 pattern and valid CRC. Reads require the host to remove
the remaining data so that the result phase may be entered.
Table 6.11 - FIFO Service Delay
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT
2 Mbps DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 4 us - 1.5 us = 2.5 us
2 x 4 us - 1.5 us = 6.5 us
8 x 4 us - 1.5 us = 30.5 us
15 x 4 us - 1.5 us = 58.5 us
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT
1 Mbps DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 8 us - 1.5 us = 6.5 us
2 x 8 us - 1.5 us = 14.5 us
8 x 8 us - 1.5 us = 62.5 us
15 x 8 us - 1.5 us = 118.5 us
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT
500 Kbps DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 16 us - 1.5 us = 14.5 us
2 x 16 us - 1.5 us = 30.5 us
8 x 16 us - 1.5 us = 126.5 us
15 x 16 us - 1.5 us = 238.5 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com