Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 96 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 96 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 92Page - SMSC Corporation LPC47M182 Datasheet HTML 93Page - SMSC Corporation LPC47M182 Datasheet HTML 94Page - SMSC Corporation LPC47M182 Datasheet HTML 95Page - SMSC Corporation LPC47M182 Datasheet HTML 96Page - SMSC Corporation LPC47M182 Datasheet HTML 97Page - SMSC Corporation LPC47M182 Datasheet HTML 98Page - SMSC Corporation LPC47M182 Datasheet HTML 99Page - SMSC Corporation LPC47M182 Datasheet HTML 100Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
96
SMSC LPC47M182
DATASHEET
Table 7.1 - Parallel Port Connector
HOST
CONNECTOR
SMSC
PIN NUMBER
STANDARD
EPP
ECP
1
nSTROBE
nWrite
nStrobe
2-9
PD<0:7>
PData<0:7>
PData<0:7>
10
nACK
Intr
nAck
11
BUSY
nWait
Busy, PeriphAck(3)
12
PE
(User Defined)
PError,
nAckReverse (3)
13
SLCT
(User Defined)
Select
14
nALF
nDatastb
nAutoFd,
HostAck(3)
15
nERROR
(User Defined)
nFault (1)
nPeriphRequest (3)
16
nINITP
nRESET
nInit(1)
nReverseRqst(3)
17
See section Chapter
3 Description of Pin
Functions.
nSLCTIN
nAddrstrb
nSelectIn(1,3)
(1) = Compatible Mode
(3) = High Speed Mode
Note:
For the cable interconnection required for ECP support and the Slave Connector pin numbers, refer to the
IEEE 1284 Extended Capabilities Port Protocol and ISA Standard, Rev. 1.14, July 14, 1993. This
document is available from Microsoft.
7.4
IBM XT/AT Compatible, Bi-Directional and EPP Modes
7.4.1
DATA PORT
ADDRESS OFFSET = 00H
The Data Port is located at an offset of ‘00H’ from the base address. The data register is cleared at
initialization by RESET. During a WRITE operation, the Data Register latches the contents of the internal
data bus. The contents of this register are buffered (non inverting) and output onto the PD0 - PD7 ports.
During a READ operation in SPP mode, PD0 - PD7 ports are buffered (not latched) and output to the host
CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com