Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 23 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 19Page - SMSC Corporation LPC47M182 Datasheet HTML 20Page - SMSC Corporation LPC47M182 Datasheet HTML 21Page - SMSC Corporation LPC47M182 Datasheet HTML 22Page - SMSC Corporation LPC47M182 Datasheet HTML 23Page - SMSC Corporation LPC47M182 Datasheet HTML 24Page - SMSC Corporation LPC47M182 Datasheet HTML 25Page - SMSC Corporation LPC47M182 Datasheet HTML 26Page - SMSC Corporation LPC47M182 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
23
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
3.1
Buffer Name Descriptions
Note:
Refer to the “Electrical Characteristics” section.
PWR
Power and Ground
I
Input TTL Compatible.
IPU
Input with 30uA Integrated Pull-Up
IPD
Input with 30uA Integrated Pull-Down
IS
Input with 250mV Schmitt Trigger.
IS_400
Input with 400mV Schmitt Trigger.
ISPU_400
Input with 400mV Schmitt Trigger and 30uA Integrated Pull-Up.
ISPD_400
Input with 400mV Schmitt Trigger and 30uA Integrated Pull-Down.
O8
Output, 8mA sink, 4mA source.
OD8
Output (Open Drain), 8mA sink.
O12
Output, 12mA sink, 6mA source.
OD12
Output (Open Drain), 12mA sink.
OP14
Output, 14mA sink, 14mA source.
OD24
Output (Open Drain), 24mA sink.
AO
Output – Analog with 5V Level
IO8
Input/Output, 8mA sink, 4mA source.
ISO8
Input with 250mV Schmitt Trigger /Output, 8mA sink, 4mA source.
ISOD8
Input with 250mV Schmitt Trigger, Low Leakage/Output (Open-Drain), 8mA sink.
IO12
Input with Schmitt Trigger/Output, 12mA sink, 6mA source.
IOP14
Input/Output, 14mA sink, 14mA source.
IOD24
Input/Output (Open Drain), 24mA sink.
IO_SW
Input/Output, special type. Pins of this type are connected in pairs through a switch. The switch
provides a 25 ohm (max) resistance to ground when closed.
PCI_IO
Input/Output. These pins meet the PCI 3.3V AC and DC Characteristics. (Note 1)
PCI_O
Output. These pins meet the PCI 3.3V AC and DC Characteristics. (Note 1)
PCI_I
Input. These pins meet the PCI 3.3V AC and DC Characteristics. (Note 1)
PCI_ICLK
Clock Input. These pins meet the PCI 3.3V AC and DC Characteristics and timing. (Note 2)
Note 1:
See the “PCI Local Bus Specification,” Revision 2.1, Section 4.2.2.
Note 2:
See the “PCI Local Bus Specification,” Revision 2.1, Section 4.2.2 and 4.2.3.
3.2
Pins With Internal Resistors
The following pins have internal resistors:
Table 3.2 – Pins with Internal Resistors
SIGNAL NAME
RESISTOR VALUE
NOTES
nCPU_PRESENT
30uA
Pull-up to VTR
nFPRST
30uA
Pull-up to VTR
nPRIMARY_HD
30uA
Pull-up to VCC
PWRGD_PS
30uA
Pull-up to VTR
nSCSI
30uA
Pull-up to VCC
nSECONDARY_HD
30uA
Pull-up to VCC
TEST_EN
30uA
Pull-down to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com