Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 27 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 23Page - SMSC Corporation LPC47M182 Datasheet HTML 24Page - SMSC Corporation LPC47M182 Datasheet HTML 25Page - SMSC Corporation LPC47M182 Datasheet HTML 26Page - SMSC Corporation LPC47M182 Datasheet HTML 27Page - SMSC Corporation LPC47M182 Datasheet HTML 28Page - SMSC Corporation LPC47M182 Datasheet HTML 29Page - SMSC Corporation LPC47M182 Datasheet HTML 30Page - SMSC Corporation LPC47M182 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
27
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
SIGNAL NAME
PWR WELL
PCI RESET
VCC POR
VTR POR
NOTES
nINITP
VCC
Out – High
Out – High
Off
nALF
VCC
Out – High
Out – High
Off
nSTROBE
VCC
Out – High
Out – High
Off
MCLK
VCC
Hi-Z
Hi-Z
Off
MDAT
VCC
-
-
Input
KCLK
VCC
Hi-Z
Hi-Z
Off
KDAT
VCC
-
-
Input
GA20M
VCC
Hi-Z
Hi-Z
Off
nKBDRST
VCC
Hi-Z
Hi-Z
Off
nAUD_LINK_RST
VTR
-
-
Input
nCDC_DWN_ENAB/
GP24
VTR
-
-
Input
nCDC_DWN_RST
VTR
-
-
Out – low
nFPRST
VTR
-
-
Input
This pin is pulled up internally
nBACKFEED_CUT
VTR
-
-
Hi-Z
This pin requires external pull-
up to V_5P0_STBY.
LATCHED_BF_CUT
VTR
-
-
Out – low
SCK_BJT_GATE
VTR
-
-
Hi-Z
This pin requires external pull-
up to V_5P0_STBY.
nSCSI
VCC
Input
Input
Off
This pin is pulled up internally
GRN_LED
VTR
-
-
Out – low
YLW_LED
VTR
-
-
Out – low
nHD_LED
VCC
Hi-Z
Hi-Z
Off
nSECONDARY_HD
VCC
Input
Input
Off
This pin is pulled up internally
nPRIMARY_HD
VCC
Input
Input
Off
This pin is pulled up internally
nIDE_RSTDRV
VCC
Out – low
Out – low
Off
Requires external pull-up to
VCC5V
PWRGD_PS
VTR
-
-
Input
nPS_ON
VTR
-
-
Hi-Z
Requires external pull-up to
V_5P0_STBY
nCPU_PRESENT
VTR
-
-
Input
This pin is pulled up internally
nSLP_S3
VTR
-
-
Input
nSLP_S5
VTR
-
-
Input
nRSMRST
VTR
-
-
Out – low
PWRGD_PLATFORM VTR
-
-
Out – low
nPCIRST_OUT
VTR
Out – low
Out – low
Out – low
nPCIRST_OUT2
VTR
Out – low
Out – low
Out – low
GP10-GP15
VTR
-
-
Input
GP16
-
-
Input
FAN_TACH1
VTR
Hi-Z
Hi-Z
Hi-Z
GP17
-
-
Input
FAN_TACH2
VTR
Hi-Z
Hi-Z
Hi-Z
The GPIO and FAN_TACH
functions are multiplexed on
the same pin with GPIO as the
default function.
SMB_CLK_M
VTR
Hi-Z
Hi-Z
Hi-Z
SMB_CLK_R
VTR
-
-
Hi-Z
SMB_DAT_M
VTR
Hi-Z
Hi-Z
Hi-Z
SMB_DAT_R
VTR
-
-
Hi-Z
DDCSDA_5V
VTR
Hi-Z
Hi-Z
Hi-Z
The DDC and GPIO functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com