Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 78 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 78 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 74Page - SMSC Corporation LPC47M182 Datasheet HTML 75Page - SMSC Corporation LPC47M182 Datasheet HTML 76Page - SMSC Corporation LPC47M182 Datasheet HTML 77Page - SMSC Corporation LPC47M182 Datasheet HTML 78Page - SMSC Corporation LPC47M182 Datasheet HTML 79Page - SMSC Corporation LPC47M182 Datasheet HTML 80Page - SMSC Corporation LPC47M182 Datasheet HTML 81Page - SMSC Corporation LPC47M182 Datasheet HTML 82Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
78
SMSC LPC47M182
DATASHEET
from 460.8K baud down to 50 baud. The character options are programmable for 1 start; 1, 1.5 or 2 stop
bits; even, odd, sticky or no parity; and prioritized interrupts. The UARTs contain a programmable baud
rate generator that is capable of dividing the input clock or crystal by a number from 1 to 65535. The
UARTs are also capable of supporting the MIDI data rate. Refer to the Configuration Registers for
information on disabling, power down and changing the base address of the UARTs. The interrupt from a
UART is enabled by programming OUT2 of that UART to a logic “1”. OUT2 being a logic “0” disables that
UART’s interrupt. The second UART also supports IrDA, HP-SIR, and ASK-IR infrared modes of
operation.
Note:
Input pins of Serial Port 2 are internally pulled down to VSS only until Serial Port 2 is enabled. Once Serial
Port 2 is enabled, the pull-downs are removed until VTR POR.
6.28.1 REGISTER DESCRIPTION
Addressing of the accessible registers of the Serial Port is shown below. The base addresses of the serial
port is defined by the configuration registers (see “Configuration” section). The Serial Port registers are
located at sequentially increasing addresses above these base addresses (see Table 6.28).
Table 6.28 – Addressing the Serial Port
DLAB*
A2
A1
A0
REGISTER NAME
0
0
0
0
Receive Buffer (read)
0
0
0
0
Transmit Buffer (write)
0
0
0
1
Interrupt Enable (read/write)
X
0
1
0
Interrupt Identification (read)
X
0
1
0
FIFO Control (write)
X
0
1
1
Line Control (read/write)
X
1
0
0
Modem Control (read/write)
X
1
0
1
Line Status (read/write)
X
1
1
0
Modem Status (read/write)
X
1
1
1
Scratchpad (read/write)
1
0
0
0
Divisor LSB (read/write)
1
0
0
1
Divisor MSB (read/write
*Note:
DLAB is Bit 7 of the Line Control Register
The following section describes the operation of the registers.
6.28.2 RECEIVE BUFFER REGISTER (RB)
Address Offset = 0H, DLAB = 0, READ ONLY
This register holds the received incoming data byte. Bit 0 is the least significant bit, which is transmitted
and received first. Received data is double buffered; this uses an additional shift register to receive the
serial data stream and convert it to a parallel 8 bit word which is transferred to the Receive Buffer register.
The shift register is not accessible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com