Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 28 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 24Page - SMSC Corporation LPC47M182 Datasheet HTML 25Page - SMSC Corporation LPC47M182 Datasheet HTML 26Page - SMSC Corporation LPC47M182 Datasheet HTML 27Page - SMSC Corporation LPC47M182 Datasheet HTML 28Page - SMSC Corporation LPC47M182 Datasheet HTML 29Page - SMSC Corporation LPC47M182 Datasheet HTML 30Page - SMSC Corporation LPC47M182 Datasheet HTML 31Page - SMSC Corporation LPC47M182 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
28
SMSC LPC47M182
DATASHEET
SIGNAL NAME
PWR WELL
PCI RESET
VCC POR
VTR POR
NOTES
GP20
-
-
Hi-Z
DDCSCL_5V
Hi-Z
Hi-Z
Hi-Z
GP21
VTR
-
-
Hi-Z
are multiplexed on the same
pin with DDC as the default
function. DDC function
requires external pull-up to
VCC5V.
DDCSDA_3V
Hi-Z
Hi-Z
Hi-Z
GP22
VTR
-
-
Hi-Z
DDCSCL_3V
Hi-Z
Hi-Z
Hi-Z
GP23
VTR
-
-
Hi-Z
The DDC and GPIO functions
are multiplexed on the same
pin with DDC as the default
function. DDC function
requires external pull-up to
VCC.
TEST_EN
VTR
-
-
Input
Test Mode pin. This pin has
internally pull-down to VSS.
External pull-up required to
enable the test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com