Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 76 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 76 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 72Page - SMSC Corporation LPC47M182 Datasheet HTML 73Page - SMSC Corporation LPC47M182 Datasheet HTML 74Page - SMSC Corporation LPC47M182 Datasheet HTML 75Page - SMSC Corporation LPC47M182 Datasheet HTML 76Page - SMSC Corporation LPC47M182 Datasheet HTML 77Page - SMSC Corporation LPC47M182 Datasheet HTML 78Page - SMSC Corporation LPC47M182 Datasheet HTML 79Page - SMSC Corporation LPC47M182 Datasheet HTML 80Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
76
SMSC LPC47M182
DATASHEET
When both GAP and WGATE bits of the PERPENDICULAR MODE COMMAND are both programmed to
“0” (Conventional mode), then D0, D1, D2, D3, and D4 can be programmed independently to “1” for that
drive to be set automatically to Perpendicular mode. In this mode the following set of conditions also
apply:
1.
The GAP2 written to a perpendicular drive during a write operation will depend upon the programmed
data rate.
2.
The write pre-compensation given to a perpendicular mode drive will be 0ns.
3.
For D0-D3 programmed to “0” for conventional mode drives any data written will be at the currently
programmed write pre-compensation.
Note: Bits D0-D3 can only be overwritten when OW is programmed as a “1”.If either GAP or WGATE is a
“1” then D0-D3 are ignored.
Software and hardware resets have the following effect on the PERPENDICULAR MODE COMMAND:
“Software” resets (via the DOR or DSR registers) will only clear GAP and WGATE bits to “0”. D0-D3
are unaffected and retain their previous value.
“Hardware” resets will clear all bits (GAP, WGATE and D0-D3) to “0”, i.e all conventional mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com