Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 65 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 65 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 61Page - SMSC Corporation LPC47M182 Datasheet HTML 62Page - SMSC Corporation LPC47M182 Datasheet HTML 63Page - SMSC Corporation LPC47M182 Datasheet HTML 64Page - SMSC Corporation LPC47M182 Datasheet HTML 65Page - SMSC Corporation LPC47M182 Datasheet HTML 66Page - SMSC Corporation LPC47M182 Datasheet HTML 67Page - SMSC Corporation LPC47M182 Datasheet HTML 68Page - SMSC Corporation LPC47M182 Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
65
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
6.11
Data Transfer Commands
All of the Read Data, Write Data and Verify type commands use the same parameter bytes and return the
same results information, the only difference being the coding of bits 0-4 in the first byte.
An implied seek will be executed if the feature was enabled by the Configure command. This seek is
completely transparent to the user. The Drive Busy bit for the drive will go active in the Main Status
Register during the seek portion of the command. If the seek portion fails, it is reflected in the results
status normally returned for a Read/Write Data command. Status Register 0 (ST0) would contain the error
code and C would contain the cylinder on which the seek failed.
6.11.1 Read Data
A set of nine (9) bytes is required to place the FDC in the Read Data Mode. After the Read Data
command has been issued, the FDC loads the head (if it is in the unloaded state), waits the specified head
settling time (defined in the Specify command), and begins reading ID Address Marks and ID fields. When
the sector address read off the diskette matches with the sector address specified in the command, the
FDC reads the sector’s data field and transfers the data to the FIFO.
After completion of the read operation from the current sector, the sector address is incremented by one
and the data from the next logical sector is read and output via the FIFO. This continuous read function is
called “Multi-Sector Read Operation”.
Upon receipt of the TC cycle, or an implied TC (FIFO
overrun/underrun), the FDC stops sending data but will continue to read data from the current sector,
check the CRC bytes, and at the end of the sector, terminate the Read Data Command.
N determines the number of bytes per sector (see Table 6.18 below). If N is set to zero, the sector size is
set to 128. The DTL value determines the number of bytes to be transferred. If DTL is less than 128, the
FDC transfers the specified number of bytes to the host. For reads, it continues to read the entire 128-
byte sector and checks for CRC errors. For writes, it completes the 128-byte sector by filling in zeros. If N
is not set to 00 Hex, DTL should be set to FF Hex and has no impact on the number of bytes transferred.
Table 6.18 - Sector Sizes
N
SECTOR SIZE
00
01
02
03
..
07
128 bytes
256 bytes
512 bytes
1024 bytes
…
16 Kbytes
The amount of data which can be handled with a single command to the FDC depends upon MT (multi-
track) and N (number of bytes/sector).
The Multi-Track function (MT) allows the FDC to read data from both sides of the diskette. For a particular
cylinder, data will be transferred starting at Sector 1, Side 0 and completing the last sector of the same
track at Side 1.
If the host terminates a read or write operation in the FDC, the ID information in the result phase is
dependent upon the state of the MT bit and EOT byte. Refer to Table 6.19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com