Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 24 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 20Page - SMSC Corporation LPC47M182 Datasheet HTML 21Page - SMSC Corporation LPC47M182 Datasheet HTML 22Page - SMSC Corporation LPC47M182 Datasheet HTML 23Page - SMSC Corporation LPC47M182 Datasheet HTML 24Page - SMSC Corporation LPC47M182 Datasheet HTML 25Page - SMSC Corporation LPC47M182 Datasheet HTML 26Page - SMSC Corporation LPC47M182 Datasheet HTML 27Page - SMSC Corporation LPC47M182 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
24
SMSC LPC47M182
DATASHEET
3.3
Pins That Require External Resistors
The following pins require external resistors:
Table 3.3 – Pins that Require External Resistors
SIGNAL NAME
RESISTOR VALUE
NOTES
SER_IRQ
10 kohm
Pull-up to VCC
nLDRQ
100 kohm
Pull-up to VCC
LAD[3:0]
100 kohm
Pull-up to VCC
MCLK
MDAT
KCLK
KDAT
2.7 kohm
Pull-up to VREG_PS2. The
VREG_PS2 is the voltage
regulator for the PS/2 ports.
GA20M
10 kohm
Pull-up to VCC
KBDRST
10 kohm
Pull-up to VCC
nIO_PME
10 kohm
Pull-up to VTR
nHDSEL
10 kohm
nWGATE
10 kohm
nWDATA
10 kohm
nSTEP
10 kohm
nDIR
10 kohm
nDS0
10 kohm
nMTR0
10 kohm
DRVDEN1
10 kohm
DRVDEN0
10 kohm
Pull-up required if used as
Open-Drain Output.
Pull-up to VCC.
nDSKCHG
1 kohm
Pull-up to VCC
nRDATA
1 kohm
Pull-up to VCC
nWRTPRT
1 kohm
Pull-up to VCC
nTRK0
1 kohm
Pull-up to VCC
nINDEX
10 kohm
Pull-up to VCC
REF5V
1 kohm
Pull-up to VCC5V
REF5V_STBY
1 kohm
Pull-up to V_5P0_STBY
nIDE_RSTDRV
1 kohm
Pull-up to VCC5V
nPS_ON
1 kohm
Pull-up to V_5P0_STBY
nBACKFEED_CUT
1 kohm
Pull-up to V_5P0_STBY
SCK_BJT_GATE
1 kohm
Pull-up to V_5P0_STBY
nCDC_DWN_ENAB
10 kohm
Pull-down to VSS
YLW_LED
220 ohm
Pull-up to VTR
nHD_LED
330 ohm
Pull-up to VCC
DDCSDA_3V
4.7 kohm
Pull-up to VCC
DDCSCL_3V
4.7 kohm
Pull-up to VCC
DDCSDA_5V
2.2 kohm
Pull-up to VCC5V
DDCSCL_5V
2.2 kohm
Pull-up to VCC5V
SMB_CLK_M
2.7 kohm
Pull-up to VCC
SMB_CLK_R
2.7 kohm
Pull-up to VTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com