Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 94 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 94 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 90Page - SMSC Corporation LPC47M182 Datasheet HTML 91Page - SMSC Corporation LPC47M182 Datasheet HTML 92Page - SMSC Corporation LPC47M182 Datasheet HTML 93Page - SMSC Corporation LPC47M182 Datasheet HTML 94Page - SMSC Corporation LPC47M182 Datasheet HTML 95Page - SMSC Corporation LPC47M182 Datasheet HTML 96Page - SMSC Corporation LPC47M182 Datasheet HTML 97Page - SMSC Corporation LPC47M182 Datasheet HTML 98Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
94
SMSC LPC47M182
DATASHEET
7.2
Infrared Interface
The infrared interface provides a two-way wireless communications port using infrared as a transmission
medium. Several IR implementations have been provided for the second UART in this chip, IrDA, HP-SIR
and Amplitude Shift Keyed IR. The IR transmission can use the standard UART2 TXD2 and RXD2 pins or
optional IRTX2 and IRRX2 pins. These can be selected through the configuration registers.
IrDA 1.0 allows serial communication at baud rates up to 115.2 kbps. Each word is sent serially beginning
with a zero value start bit. A zero is signaled by sending a single IR pulse at the beginning of the serial bit
time. A one is signaled by sending no IR pulse during the bit time. Please refer to the AC timing for the
parameters of these pulses and the IrDA waveform.
The Amplitude Shift Keyed IR allows asynchronous serial communication at baud rates up to 19.2K Baud.
Each word is sent serially beginning with a zero value start bit. A zero is signaled by sending a 500KHz
waveform for the duration of the serial bit time. A one is signaled by sending no transmission during the bit
time. Please refer to the AC timing for the parameters of the ASK-IR waveform.
If the Half Duplex option is chosen, there is a time-out when the direction of the transmission is changed.
This time-out starts at the last bit transferred during a transmission and blocks the receiver input until the
timeout expires. If the transmit buffer is loaded with more data before the time-out expires, the timer is
restarted after the new byte is transmitted. If data is loaded into the transmit buffer while a character is
being received, the transmission will not start until the time-out expires after the last receive bit has been
received. If the start bit of another character is received during this time-out, the timer is restarted after the
new character is received. The IR half duplex time-out is programmable via CRF2 in Logical Device 5. This
register allows the time-out to be programmed to any value between 0 and 10msec in 100usec
increments.
IR Transmit Pins
The following description pertains to the TXD2 and IRTX2 pins of the LPC47M182.
Following a VCC POR, the TXD2 and IRTX2 pins will be output and low. They will remain low until one of
the following conditions are met:
IRTX2 Pin:
This pin will remain low following a VCC POR until serial port 2 is enabled by setting the activate bit, at
which time the pin will reflect the state of the IR transmit output of the IRCC block.
TXD2 Pin:
This pin will remain low following a VCC POR until serial port 2 is enabled by setting the activate bit, at
which time the pin will reflect the state of the IR transmit output of the IRCC block (if IR is enabled through
the IR Option Register for Serial Port 2).
This pin will remain low following a VCC POR until serial port 2 is enabled by setting the activate bit, at
which time the pin will reflect the state of the transmit output of serial port 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com