| Electronic Components Datasheet Search |
|
LPC47M182 Datasheet(PDF) 36 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M182 Datasheet(HTML) 36 Page - SMSC Corporation |
|
36 / 223 page ![]() Advanced I/O Controller with Motherboard GLUE Logic Datasheet Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05) 36 SMSC LPC47M182 DATASHEET The DMA mechanism for the LPC bus is described in the “Low Pin Count (LPC) Interface Specification,” Revision 1.0. 6.3.8 POWER MANAGEMENT CLOCKRUN Protocol The CLKRUN# pin is not implemented in the LPC47M182. See the “Low Pin Count (LPC) Interface Specification” Revision 1.0, Section 8.1. LPCPD Protocol See the “Low Pin Count (LPC) Interface Specification” Revision 1.0, Section 8.2. 6.3.9 SYNC Protocol See the “Low Pin Count (LPC) Interface Specification” Revision 1.0, Section 4.2.1.8 for a table of valid SYNC values. Typical Usage The SYNC pattern is used to add wait states. For read cycles, the LPC47M182 immediately drives the SYNC pattern upon recognizing the cycle. The host immediately drives the sync pattern for write cycles. If the LPC47M182 needs to assert wait states, it does so by driving 0101 or 0110 on LAD[3:0] until it is ready, at which point it will drive 0000 or 1001. The LPC47M182 will choose to assert 0101 or 0110, but not switch between the two patterns. The data (or wait state SYNC) will immediately follow the 0000 or 1001 value. The SYNC value of 0101 is intended to be used for normal wait states, wherein the cycle will complete within a few clocks. The LPC47M182 uses a SYNC of 0101 for all wait states in a DMA transfer. The SYNC value of 0110 is intended to be used where the number of wait states is large. This is provided for EPP cycles, where the number of wait states could be quite large (>1 microsecond). However, the LPC47M182 uses a SYNC of 0110 for all wait states in an I/O transfer. The SYNC value is driven within 3 clocks. SYNC Timeout The SYNC value is driven within 3 clocks. If the host observes 3 consecutive clocks without a valid SYNC pattern, it will abort the cycle. The LPC47M182 does not assume any particular timeout. When the host is driving SYNC, it may have to insert a very large number of wait states, depending on PCI latencies and retries. SYNC Patterns and Maximum Number of SYNCS If the SYNC pattern is 0101, then the host assumes that the maximum number of SYNCs is 8. If the SYNC pattern is 0110, then no maximum number of SYNCs is assumed. The LPC47M182 has protection mechanisms to complete the cycle. This is used for EPP data transfers and should utilize the same timeout protection that is in EPP. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |