Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 25 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 21Page - SMSC Corporation LPC47M182 Datasheet HTML 22Page - SMSC Corporation LPC47M182 Datasheet HTML 23Page - SMSC Corporation LPC47M182 Datasheet HTML 24Page - SMSC Corporation LPC47M182 Datasheet HTML 25Page - SMSC Corporation LPC47M182 Datasheet HTML 26Page - SMSC Corporation LPC47M182 Datasheet HTML 27Page - SMSC Corporation LPC47M182 Datasheet HTML 28Page - SMSC Corporation LPC47M182 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
25
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
SIGNAL NAME
RESISTOR VALUE
NOTES
SMB_DAT_M
2.7 kohm
Pull-up to VCC
SMB_DAT_R
2.7 kohm
Pull-up to VTR
GRN_LED
220 ohm
Pull-up to VTR
GPIOs
design-dependant
Pull-up to appropriate voltage
(not to exceed 5V)
3.4
Default State of Pins
The following table shows the default state of pins.
Notes:
Off
The pin is not powered by suspend supply and is valid under main power only.
Hi-Z
The pin is powered, but tri-stated either because the pin is open-drain or VCC function is selected on VTR powered
pin. The pin requires external pull-up when tri-stated.
Active
The pin is powered and active high.
Running
The input clock is powered and running.
Input
The pin is powered and driven by external circuitry to high or low level.
Out
The pin is powered and driven to high or low level by the part.
The input or output configuration state of the pin is retained and is not affected by PCI Reset or VCC POR.
Table 3.4 – Default State of Pins
SIGNAL NAME
PWR WELL
PCI RESET
VCC POR
VTR POR
NOTES
REF5V_STBY
VTR
-
-
Active
This pin requires external pull-
up to V_5P0_STBY
REF5V
VCC
Active
Active
Off
This pin requires external pull-
up to VCC5V
CLOCKI
VCC
Running
Running
Off
CLOCKI32
VTR
Running
Running
Running
nIO_PME
VTR
-
-
Hi-Z
PCI_CLK
VCC
Input
Input
Off
nLPCPD
VCC
Input
Input
Off
nPCI_RESET
VCC
Input
Input
Off
SER_IRQ
VCC
Input
Input
Off
nLDRQ
VCC
Input
Input
Off
nLFRAME
VCC
Input
Input
Off
LAD[0:3]
VCC
Input
Input
Off
nDSKCHG
VCC
Input
Input
Off
nHDSEL
VCC
Out – low
Out – low
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com