Electronic Components Datasheet Search
  English  ▼

X  

MFC2000 Datasheet(PDF) 227 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 227 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 223Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 224Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 225Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 226Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 227Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 228Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 229Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 230Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 231Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
9-15
9.3
Resolution Conversion Programming Examples
Figure 9-4 is a flowchart that shows the procedure for determining the resolution conversion register values for
both expansion and reduction modes:
Expand or
Reduce ?
Expand
R e d u c e
Notes:
1) Input = Input Resolution (number of pixels/input line)
2) Output = Output Resolution (number of pixels/output line)
3) For expansion, Output < (4*Input)
4) For reduction, Output < Input
5) For best results in reduction , (Input-Output)/Input <= 1/3
Compute pixels to add per 2187 input pixels:
Int{[(Output-(m+1)*Input)/Input] * 2187 + 2/3}
m: expansion mode
Compute pixels to remove per 2187 input pixels:
Int{[(Output-Input)/Input] * 2187}
Represent pixels to add as a sum of numbers:
(3**n) and ( 2 * (3**n) ) where n=0, 1, ... 6
Represent pixels to remove as a sum of numbers:
(3**n) and (2 * (3**n)) where n = 0, 1, ...6
Fill in both registers according to sum and
register definition
Fill in both registers according to sum and
register definition
Figure 9-4: Resolution Conversion Programming
The number of pixels to add in expansion mode is determined from the integer portion of:
Pixels to add per 2187 input pixels =
{[ (Output pixels per line - (m+1) * Input pixels per line)/input pixels per line ] * 2187 +2/3}
m: the expansion mode
Note:
2/3 is added in this equation in order to guarantee that the truncated result will be
greater than or equal to the desired number of output pixels per line.
The number of pixels to remove in reduction mode is determined from the integer portion of:
Pixels to remove per 2187 input pixels =
{[(Input pixels per line - Output pixels per line)/input pixels per line] * 2187}
Note:
For best results, the number of pixels removed (per 2187 pixels) in reduction mode
should be less than or equal to 729. {i.e., [(Input Pixels - Output pixels)/Input pixels] < = 1/3}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com