Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 34 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD7293 Datasheet HTML 30Page - Analog Devices AD7293 Datasheet HTML 31Page - Analog Devices AD7293 Datasheet HTML 32Page - Analog Devices AD7293 Datasheet HTML 33Page - Analog Devices AD7293 Datasheet HTML 34Page - Analog Devices AD7293 Datasheet HTML 35Page - Analog Devices AD7293 Datasheet HTML 36Page - Analog Devices AD7293 Datasheet HTML 37Page - Analog Devices AD7293 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 34 of 78
Table 26. Temperature Sensor Result Register
Bit Number(s)
Bit Name
Description
D15
B11
0: −256°C
1: 0°C
D14
B10
0: 0°C
1: 128°C
D13
B9
0: 0°C
1: 64°C
D12
B8
0: 0°C
1: 32°C
D11
B7
0: 0°C
1: 16°C
D10
B6
0: 0°C
1: 8°C
D9
B5
0: 0°C
1: 4°C
D8
B4
0: 0°C
1: 2°C
D7
B3
0: 0°C
1: 1°C
D6
B2
0: 0°C
1: 0.5°C
D5
B1
0: 0°C
1: 0.25°C
D4
B0
0: 0°C
1: 0.125°C
[D3:D0]
Reserved
Reserved
Table 27. DAC Input Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
[D3:D2]
D1
D0
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Reserved
Copy
Load
Table 28. Copy and Load Bit Descriptions
Bit Number(s)
Bit Name
Description
[D15:D4]
B11 to B0
Data bits
D1
Copy
0: no action
1: copies data to all DAC registers
D0
Load
0: all channels updated with latest results
1: input register loaded but output voltage dependent on LDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com