Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 78 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD7293 Datasheet HTML 70Page - Analog Devices AD7293 Datasheet HTML 71Page - Analog Devices AD7293 Datasheet HTML 72Page - Analog Devices AD7293 Datasheet HTML 73Page - Analog Devices AD7293 Datasheet HTML 74Page - Analog Devices AD7293 Datasheet HTML 75Page - Analog Devices AD7293 Datasheet HTML 76Page - Analog Devices AD7293 Datasheet HTML 77Page - Analog Devices AD7293 Datasheet HTML 78Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 78 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 78 of 78
OUTLINE DIMENSIONS
Figure 61. 56-Lead Lead Frame Chip Scale Package [LFCSP],
8 mm × 8 mm Body and 0.75 mm Package Height
(CP-56-8)
Dimensions Shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD7293BCPZ
−40°C to +125°C
56-Lead Lead Frame Chip Scale Package [LFCSP]
CP-56-8
AD7293BCPZ-RL
−40°C to +125°C
56-Lead Lead Frame Chip Scale Package [LFCSP]
CP-56-8
EVAL-AD7293SDZ
Evaluation Control Board
EVAL-SDP-CB1Z
Controller Board
1 Z = RoHS Compliant Part.
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
*5.90
5.80 SQ
5.70
0.50
0.40
0.30
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.30
0.25
0.20
8.10
8.00 SQ
7.90
0.20 MIN
6.50 REF
*COMPLIANT TO JEDEC STANDARDS MO-220-WLLD-2
WITH EXCEPTION TO EXPOSED PAD DIMENSION.
1
56
14
15
43
42
28
29
EXPOSED
PAD
SEATING
PLANE
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
©2016–2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13016-0-1/18(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com