Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 52 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD7293 Datasheet HTML 48Page - Analog Devices AD7293 Datasheet HTML 49Page - Analog Devices AD7293 Datasheet HTML 50Page - Analog Devices AD7293 Datasheet HTML 51Page - Analog Devices AD7293 Datasheet HTML 52Page - Analog Devices AD7293 Datasheet HTML 53Page - Analog Devices AD7293 Datasheet HTML 54Page - Analog Devices AD7293 Datasheet HTML 55Page - Analog Devices AD7293 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 52 of 78
HYSTERESIS 1 (PAGE 0x09)
Table 69. Hysteresis 1 (Page 0x09)
Address
(Hex)
Name
Byte1
Access
Type1
Default
Value1
0x00
No op
N/A
N/A
0x00
0x01
Page select pointer
1
R/W
0x00
0x02
Conversion command2
1
W
N/A
0x03
Result
2
R
0x0000
0x04
DAC enable
1
R/W
0x00
0x05
GPIO
1
R/W
0x00
0x0C
Device ID
2
R
0x0018
0x0F
Software reset
2
R/W
0x0000
0x10
AVDD hysteresis
2
R/W
0x0000
0x11
DACVDD-UNI hysteresis
2
R/W
0x0000
0x12
DACVDD-BI hysteresis
2
R/W
0x0000
0x13
AVSS hysteresis
2
R/W
0x0000
0x14
BI-VOUT0MON hysteresis
2
R/W
0x0000
0x15
BI-VOUT1MON hysteresis
2
R/W
0x0000
0x16
BI-VOUT2MON hysteresis
2
R/W
0x0000
0x17
BI-VOUT3MON hysteresis
2
R/W
0x0000
0x28
RS0+MON hysteresis
2
R/W
0x0000
0x29
RS1+MON hysteresis
2
R/W
0x0000
0x2A
RS2+MON hysteresis
2
R/W
0x0000
0x2B
RS3+MON hysteresis
2
R/W
0x0000
1
N/A means not applicable.
2
Not a physical register.
AVDD, DAC Supply (DACVDD-UNI/DACVDD-BI), and AVSS
Hysteresis Registers (Register 0x10 to Register 0x13)
These read/write 16-bit registers set the hysteresis values for the
four supply voltage conversions.
BI-VOUT0MON to BI-VOUT3MON Hysteresis Registers
(Register 0x14 to Register 0x17)
These read/write 16-bit registers set the hysteresis values for the
four DAC monitoring conversions.
RSx+MON Hysteresis Registers (Register 0x28 to
Register 0x2B)
These read/write 16-bit registers set the hysteresis values for the
four RSx+ conversions.
Table 70. AVDD, DAC Supply, AVSS, BI-VOUTxMON, and RSx+MON Hysteresis Registers (Register 0x10 to Register 0x2B)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
[D3:D0]
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com