Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 41 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD7293 Datasheet HTML 37Page - Analog Devices AD7293 Datasheet HTML 38Page - Analog Devices AD7293 Datasheet HTML 39Page - Analog Devices AD7293 Datasheet HTML 40Page - Analog Devices AD7293 Datasheet HTML 41Page - Analog Devices AD7293 Datasheet HTML 42Page - Analog Devices AD7293 Datasheet HTML 43Page - Analog Devices AD7293 Datasheet HTML 44Page - Analog Devices AD7293 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 41 of 78
Bit Number(s)
Bit Name
Description
[D7:D4]
Reserved
Reserved
D3
ISENSE3_EN
0: disable background conversions (default)
1: enable background conversions
D2
ISENSE2_EN
0: disable background conversions (default)
1: enable background conversions
D1
ISENSE1_EN
0: disable background conversions (default)
1: enable background conversions
D0
ISENSE0_EN
0: disable background conversions (default)
1: enable background conversions
Table 44. ISENSEx Gain Register (Register 0x1D)
Bit Number(s)
Bit Name
Description
[D15:D12], [D11:D8],
[D7:D4], [D3:D0]
ISENSE3 gain, ISENSE2 gain,
ISENSE1 gain, ISENSE0 gain
These bits control the gain settings for the four current sense channels.
Code
Gain Value
Voltage Across RSENSE (mV)
0000 (default)
6.25
±200
0001
12.5
±100
0010
18.75
±66.67
0011
25
±50
0100
37.5
±33.33
0101
50
±25
0110
75
±16.67
0111
100
±12.5
1000
200
±6.25
1001
400
±3.125
1010
781.25
±1.6
Others
6.25
±200
Table 45. DAC Snooze/SLEEP0 Pin Register (Register 0x1F) and DAC Snooze/SLEEP1 Pin Register (Register 0x20)
Bit Number(s)
Bit Name
Description
D15
BI-VOUT3
0: no control
snooze
1: snooze enabled when clamped by the SLEEP0 pin (Register 0x1F) or by the SLEEP1 pin (Register 0x20) (default)
D14
BI-VOUT2
0: no control
snooze
1: snooze enabled when clamped by the SLEEP0 pin (Register 0x1F) or by the SLEEP1 pin (Register 0x20) (default)
D13
BI-VOUT1
0: no control
snooze
1: snooze enabled when clamped by the SLEEP0 pin (Register 0x1F) or by the SLEEP1 pin (Register 0x20) (default)
D12
BI-VOUT0
0: no control
snooze
1: snooze enabled when clamped by the SLEEP0 pin (Register 0x1F) or by the SLEEP1 pin (Register 0x20) (default)
D11
UNI-VOUT3
0: no control
snooze
1: snooze enabled when clamped by the SLEEP0 pin (Register 0x1F) or by SLEEP1 pin (Register 0x20) (default)
D10
UNI-VOUT2
0: no control
snooze
1: snooze enabled when clamped by the SLEEP0 pin (Register 0x1F) or by the SLEEP1 pin (Register 0x20) (default)
D9
UNI-VOUT1
0: no control
snooze
1: snooze enabled when clamped by the SLEEP0 pin (Register 0x1F) or by the SLEEP1 pin (Register 0x20) (default)
D8
UNI-VOUT0
0: no control
snooze
1: snooze enabled when clamped by the SLEEP0 pin (Register 0x1F) or by the SLEEP1 pin (Register 0x20) (default)
D7
BI-VOUT3
0: no control (default)
sleep
1: can be clamped by the SLEEP0 pin (Register 0x1F) or clamped by the SLEEP1 pin (Register 0x20)
D6
BI-VOUT2
0: no control (default)
sleep
1: can be clamped by the SLEEP0 pin (Register 0x1F) or clamped by the SLEEP1 pin (Register 0x20)
D5
BI-VOUT1
0: no control (default)
sleep
1: can be clamped by the SLEEP0 pin (Register 0x1F) or clamped by the SLEEP1 pin (Register 0x20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com